Electronic Components Datasheet Search
  English  ▼

X  

BAT54SDW Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BAT54SDW
Description  SCHOTTKY BARRIER (DUAL) DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BAT54SDW Datasheet(HTML) 2 Page - Unisonic Technologies

  BAT54SDW Datasheet HTML 1Page - Unisonic Technologies BAT54SDW Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAT54SDW
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R601-055.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
PER DIODE
Continuous Reverse Voltage
VR
30
V
Continuous Forward Current
IF
200
mA
Repetitive Peak Forward Current (tP <1s, δ≤0.5)
IFRM
300
mA
Non-repetitive Peak Forward Current (tP <10ms)
IFSM
600
mA
Junction Temperature
TJ
+125
°C
Storage Temperature
TSTG
-60 ~ +150
°C
PER DEVICE
Power Dissipation (TA≤25°C)
PD
230
mW
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
625
°C/W
ELECTRICAL CHARACTERISTICS (T
A = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Forward Voltage
VF
IF = 0.1mA
240
mV
IF = 1mA
320
mV
IF = 10mA
400
mV
IF = 30mA
500
mV
IF = 100mA
1000
mV
Reverse Current
IR
VR = 25V
2
μA
Reverse Recovery Time
trr
When switched from IF =10mA
to IR = 10mA, RL = 100Ω
measured at IR = 1mA
5
ns
Diode Capacitance
CD
f = 1 MHz, VR = 1V;
10
pF
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com