Electronic Components Datasheet Search
  English  ▼

X  

UC3655L-XX-AF5-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UC3655L-XX-AF5-R
Description  500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3655L-XX-AF5-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UC3655L-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC3655L-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3655L-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3655L-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3655L-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3655L-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3655L-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC3655L-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC3655L-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UC3655
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R502-280.c
OPERATIONAL EXPLANATION
CE / MODE Pin Function
When a low level signal is input to the CE/MODE pin the operation of the UC3655 series will enter into the shut down
mode. In this mode, the current consumption occurs only in the detector and is 0 μA (TYP.), with a state of high
impedance at the Lx pin and VOUT pin. By inputting a high level signal to the CE/MODE pin the IC starts its
operation. The input of the CE/MODE pin is a CMOS input and its sink current is 0 μA (TYP.).
UC3655
series - Examples of how to use CE/MODE pin
VDD
R1
CE/MODE
SW_CE
VIN
SW_CE
STATUS
ON
Stand-by
OFF
Operation
SW_CE
STATUS
ON
Stand-by
OFF
Operation
FUNCTIONS
CE/MODE
VOLTAGE LEVEL
OPERATION
H Level
VIN-0.3V≦H level≦VIN
Synchronous PWM/PFM Automatic Switching Control
M Level
0.9V≦M Level≦VIN-1.0V
L Level
0V≦L Level≦0.3V
Stand-by



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com