Electronic Components Datasheet Search
  English  ▼

X  

BSS84Z Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BSS84Z
Description  0.13A, 50V P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BSS84Z Datasheet(HTML) 1 Page - Unisonic Technologies

  BSS84Z Datasheet HTML 1Page - Unisonic Technologies BSS84Z Datasheet HTML 2Page - Unisonic Technologies BSS84Z Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BSS84Z
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-719.b
0.13A, 50V P-CHANNEL
ENHANCEMENT MODE FIELD
EFFECT TRANSISTOR
DESCRIPTION
These P-Channel enhancement mode field vertical D-MOS
transistors are in a SOT-23-3 SMD package, and in most
applications they require up to 0.13A DC and can deliver current up
to 0.52A.
This product is particularly suited to low voltage applications
requiring a low current high side switch.
FEATURES
* RDS(ON)=10Ω @ VGS=-5V
SYMBOL
2.Drain
3.Source
1.Gate
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
BSS84ZL-AE2-R
BSS84ZG-AE2-R
SOT-23-3
S
G
D
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source
MARKING


Similar Part No. - BSS84Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BSS84ZDW UTC-BSS84ZDW Datasheet
145Kb / 3P
0.13A, 50V P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
BSS84ZG-AE2-R UTC-BSS84ZG-AE2-R Datasheet
148Kb / 3P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
BSS84ZT UTC-BSS84ZT Datasheet
152Kb / 3P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
BSS84ZTG-AN3-R UTC-BSS84ZTG-AN3-R Datasheet
152Kb / 3P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
BSS84ZWG-AL6-R UTC-BSS84ZWG-AL6-R Datasheet
145Kb / 3P
0.13A, 50V P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - BSS84Z

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
logo
Unisonic Technologies
BSS84ZDW UTC-BSS84ZDW Datasheet
145Kb / 3P
0.13A, 50V P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Diodes Incorporated
BSS84WQ DIODES-BSS84WQ Datasheet
532Kb / 7P
50V P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
August 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com