Electronic Components Datasheet Search
  English  ▼

X  

UD12K Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UD12K
Description  GENERAL PURPOSE DUAL DIGITAL TRANSISTOR)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD12K Datasheet(HTML) 2 Page - Unisonic Technologies

  UD12K Datasheet HTML 1Page - Unisonic Technologies UD12K Datasheet HTML 2Page - Unisonic Technologies UD12K Datasheet HTML 3Page - Unisonic Technologies UD12K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UD12K
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R218-005.C
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
TR1 (PNP)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-50
V
Input Voltage
VIN
-40~10
V
Output Current
IC
-100
mA
Total Power Dissipation
(120mW per element must not be exceeded)
PD
150
mW
Junction Temperature
TJ
+150
°
C
Storage Temperature
TSTG
-55 ~ +150
°
C
TR2 (NPN)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
50
V
Input Voltage
VIN
-10~40
V
Output Current
IC
100
mA
Total Power Dissipation
(120mW per element must not be exceeded)
PD
150
mW
Junction Temperature
TJ
+150
°
C
Storage Temperature
TSTG
-55 ~ +150
°
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃)
TR1 (PNP)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VI(OFF)
VCC=-5V, IOUT=-100μA
-0.5
V
Input Voltage
VI(ON)
VOUT=-0.3V, IOUT=-2mA
-3
V
Output Voltage
VO(ON)
IOUT=-10mA, IIN=-0.5mA
-0.1
-0.3
V
Input Current
IIN
VIN=-5V
-0.18 mA
Output Current
IO(OFF)
VCC=-50V, VIN=0V
-0.5
µA
DC Current Gain
hFE
VOUT=-5V, IOUT=-5mA
68
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=5mA, IB=0.25mA
0.1
0.3
V
Transition Frequency
fT
VCE=-10V, IE=-5mA, f=100MHz (Note)
250
MHz
Input Resistance
R1
32.9
47
61.1
KΩ
Resistance Ratio
R2/R1
0.8
1
1.2
TR2 (NPN)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VI(OFF)
VCC=5V, IOUT=100μA
0.5
V
Input Voltage
VI(ON)
VOUT=0.3V, IOUT=2mA
3
V
Output Voltage
VO(ON)
IOUT=10mA, IIN=0.5mA
0.1
0.3
V
Input Current
IIN
VIN=5V
0.18
mA
Output Current
IO(OFF)
VCC=50V, VIN=0V
0.5
µA
DC Current Gain
hFE
VOUT=5V, IOUT=5mA
68
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-5mA, IB=-0.25mA
-0.1
-0.3
V
Transition Frequency
fT
VCE=10V, IE=-5mA, f=100MHz (Note)
250
MHz
Input Resistance
R1
32.9
47
61.1
KΩ
Resistance Ratio
R2/R1
0.8
1
1.2
Note: Transition frequency of the device



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com