Electronic Components Datasheet Search
  English  ▼

X  

UK3919 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UK3919
Description  SWITCHING N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UK3919 Datasheet(HTML) 4 Page - Unisonic Technologies

  UK3919 Datasheet HTML 1Page - Unisonic Technologies UK3919 Datasheet HTML 2Page - Unisonic Technologies UK3919 Datasheet HTML 3Page - Unisonic Technologies UK3919 Datasheet HTML 4Page - Unisonic Technologies UK3919 Datasheet HTML 5Page - Unisonic Technologies UK3919 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UK3919
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-200.A
TYPICAL CHARACTERISTICS(Cont.)
VGS=10V
ID=32A
Pulsed
10
8
6
4
2
0
-100
-50
0
50
100
150
200
1000
100
10
1
0.1
1
10
100
td(off)
tf
tr
td(on)
VDD=12.5V
VGS=10V
RG=10V
Channel Temperature,TCH (℃)
Drain Current,ID (A)
Switching Characteristics
Drain to Source On-State Resistance
vs. Channel Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com