Electronic Components Datasheet Search
  English  ▼

X  

ULB124 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # ULB124
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULB124 Datasheet(HTML) 2 Page - Unisonic Technologies

  ULB124 Datasheet HTML 1Page - Unisonic Technologies ULB124 Datasheet HTML 2Page - Unisonic Technologies ULB124 Datasheet HTML 3Page - Unisonic Technologies ULB124 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ULB124
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R213-013.F
ABSOLUTE MAXIMUM RATING (T
A=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
600
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
8
V
DC
2
A
Collector Current
Pulse
IC
4
A
DC
1
A
Base Current
Pulse
IB
2
A
TO-220
35
TO-251
20
Power Dissipation (TC=25°C)
TO-126
PD
1.4
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
IC=1mA
600
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=10mA
400
V
Emitter-Base Breakdown Voltage
BVEBO
IE=1mA
8
V
Collector Cutoff Current
ICBO
VCB=600V
10
µA
Emitter Cutoff Current
IEBO
VEB=9V, IC=0
10
µA
ON CHARACTERISTICS
hFE1
VCE= 5V, IC=0.3A
10
40
hFE2
VCE= 5V, IC=0.5A
10
DC Current Gain(Note)
hFE3
VCE= 5V, IC=1A
6
IC=0.1A, IB=10mA
0.3
V
Collector-Emitter Saturation Voltage (Note)
VCE(SAT)
IC=0.3A, IB=30mA
0.8
V
IC=0.1A, IB=10mA
0.9
V
Base-Emitter Saturation Voltage (Note)
VBE(SAT)
IC=0.3A, IB=30mA
1.2
V
SWITCHING CHARACTERISTICS
Gain-Bandwidth Product
fT
VCE=10V, IC=0.3A, f=1MHz
15
MHz
Note: Pulse Test : Pulse Width
≤380µs, Duty Cycle≤2%
CLASSIFICATION OF hFE1
RANK
B1
B2
B3
B4
B5
B6
Range
10 ~ 17
13 ~ 22
18 ~ 27
23 ~ 32
28 ~ 37
33 ~ 40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com