Electronic Components Datasheet Search
  English  ▼

X  

US204 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # US204
Description  100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US204 Datasheet(HTML) 6 Page - Unisonic Technologies

  US204 Datasheet HTML 1Page - Unisonic Technologies US204 Datasheet HTML 2Page - Unisonic Technologies US204 Datasheet HTML 3Page - Unisonic Technologies US204 Datasheet HTML 4Page - Unisonic Technologies US204 Datasheet HTML 5Page - Unisonic Technologies US204 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
US204
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-601.a
TYPICAL APPLICATION CIRCUIT
CTL2
VOUT2
FLG2
CTL1
VIN
GND
FLG1
VOUT1
UTC US204
VIN
ON/OFF
USB Controller
Overcurrent
Overcurrent
GND
ON
GND
IN
OUT
LDO
GND
VBUS
D+
D-
GND
D-
D+
VBUS
Ferrite
Bead
4.50V
5.25V
Upstream VBUS
100mA max
GND
VBUS
D+
D-
1μF
33μF
+
+
VCC
5.0V
10k
10k
USB
Port1
USB
Port2
DATA
(Two Pair)
to USB Controller
DATA
1μF
0.1μF
0.01μF
33μF
0.01μF
33μF
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com