Electronic Components Datasheet Search
  English  ▼

X  

CD4014B Datasheet(PDF) 7 Page - Unisonic Technologies

Part # CD4014B
Description  CMOS 8-STAGE STATIC SHIFT REGISTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4014B Datasheet(HTML) 7 Page - Unisonic Technologies

  CD4014B Datasheet HTML 1Page - Unisonic Technologies CD4014B Datasheet HTML 2Page - Unisonic Technologies CD4014B Datasheet HTML 3Page - Unisonic Technologies CD4014B Datasheet HTML 4Page - Unisonic Technologies CD4014B Datasheet HTML 5Page - Unisonic Technologies CD4014B Datasheet HTML 6Page - Unisonic Technologies CD4014B Datasheet HTML 7Page - Unisonic Technologies CD4014B Datasheet HTML 8Page - Unisonic Technologies CD4014B Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CD4014B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R502-606.a
TEST CIRCUITS AND WAVEFORMS
Test
S1
tPLH/tPHL
GND
Inputs
VIN
tr, tf
VM
VLOAD
CL
RL
VCC
20 ns
VCC/2
VCC
50 pF
200 KΩ
VCC
0V
Input
10%
90%
tR
10%
90%
tF
Fig 2.
Voltage Waveforms Input Rise and Fall Times
VM
VIN
0V
VOH
VOL
Fig 3. Voltage Waveforms Propagation Delay and Output Transition Times
Input
Output
tPLH
tPHL
tPLH
tPHL
Output
10%
90%
10%
90%
10%
90%
tF
10%
90%
tR
VOH
VOL
VM
VM
VM
tR
tF
VM
VM
Notes: 1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics: PRR ≤1MHz, ZO = 50Ω.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com