Electronic Components Datasheet Search
  English  ▼

X  

US2075C Datasheet(PDF) 8 Page - Unisonic Technologies

Part # US2075C
Description  DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2075C Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button US2075C Datasheet HTML 2Page - Unisonic Technologies US2075C Datasheet HTML 3Page - Unisonic Technologies US2075C Datasheet HTML 4Page - Unisonic Technologies US2075C Datasheet HTML 5Page - Unisonic Technologies US2075C Datasheet HTML 6Page - Unisonic Technologies US2075C Datasheet HTML 7Page - Unisonic Technologies US2075C Datasheet HTML 8Page - Unisonic Technologies US2075C Datasheet HTML 9Page - Unisonic Technologies US2075C Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
US2075C
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R502-255,b
TYPICAL APPLICATION CIRCUIT
UTC
US2075C
CTL1
CTL2
GND
FLAG2
FLAG1
OUT2
OUT1
IN
10kΩ
1μF
5V
Enable
disable
Over
current
3.3V
150μF
150μF
D+
D-
D+
D-
GND
VBUS
D+
D-
GND
VBUS
USB
Controller
USB
Connector
USB
Connector
TWO USB output ports controllable by USB controller
10kΩ
2
3
1
4
6
5
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com