Electronic Components Datasheet Search
  English  ▼

X  

US112S Datasheet(PDF) 3 Page - Unisonic Technologies

Part # US112S
Description  SCRS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US112S Datasheet(HTML) 3 Page - Unisonic Technologies

  US112S Datasheet HTML 1Page - Unisonic Technologies US112S Datasheet HTML 2Page - Unisonic Technologies US112S Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
US112S/N
SCR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R301-013.Ca
ELECTRICAL CHARACTERISTICS(Cont.)
US112N(SENSITIVE)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Gate Trigger Current
IGT
VD = 12 V, RL =33Ω
2
15
mA
Gate Trigger Voltage
VGT
VD = 12 V, RL=33Ω
1.3
V
Gate Non-Trigger Voltage
VGD
VD =VDRM, RL = 3.3kΩ,TJ=125℃
0.2
V
Holding Current
IH
IT = 500mA Gate open
30
mA
Latching Current
IL
IG = 1.2 IGT
60
mA
Circuit Rate of Change of Off-State Voltage
dV/dt
VD=67%VDRM Gate open, TJ=125℃ 200
V/µs
On-State Voltage
VTM
ITM =24 A, tP = 380 µs
1.6
V
Threshold Voltage
VT0
TJ = 125℃
0.85
V
Dynamic Resistance
RD
TJ = 125℃
30
mΩ
Off-State Leakage Current
IDRM
IRRM
VDRM = VRRM
5
µA
VDRM = VRRM, TJ = 125℃
2
mA
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com