Electronic Components Datasheet Search
  English  ▼

X  

US2076B Datasheet(PDF) 7 Page - Unisonic Technologies

Part # US2076B
Description  DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2076B Datasheet(HTML) 7 Page - Unisonic Technologies

  US2076B Datasheet HTML 1Page - Unisonic Technologies US2076B Datasheet HTML 2Page - Unisonic Technologies US2076B Datasheet HTML 3Page - Unisonic Technologies US2076B Datasheet HTML 4Page - Unisonic Technologies US2076B Datasheet HTML 5Page - Unisonic Technologies US2076B Datasheet HTML 6Page - Unisonic Technologies US2076B Datasheet HTML 7Page - Unisonic Technologies US2076B Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
US2076B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-447.a
APPLICATIONS INFORMATION (Cont.)
In Figure 3, the soft start circuit is shown, and the soft start circuit can be utilized to meet USB transient
regulation specifications with large load capacitances (CBULK >10µF). The device will provide inrush current limiting
for these applications.
USB
Controller
USB
Function
USB
Function
CBULK
CBULK
Cable
GND
USB Hub
VBUS
ENA
ENB
FLGA
FLGB
GND
OUTA
OUTB
IN
1
2
3
4
8
7
6
5
USB Peripheral
Figure 3. Inrush Current-Limit Application
US2076B
4.7
µF
If an inrush current which is from the connection of a heavy capacitive load, the inrush current may cause the
fault flag to fall for a short duration, while the switch is in a constant-current mode, or charging the capacitance. In
that case, to protect this circuit from damage due to erroneous overcurrent reporting, the fault flag circuit can be in
series with a simple 1ms RC low-pass filter (see Figure 4)
ENA
ENB
FLGA
FLGB
OUTA
OUTB
GND
IN
1
2
3
4
5
6
7
8
10k
10k
V+
USB Controller
Figure 4. Transient Filter
Transient Overcurrent Filter
UTC
US2076B
0.1µF
OC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com