Electronic Components Datasheet Search
  English  ▼

X  

TCS3103 Datasheet(PDF) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TCS3103
Description  LIGHT-TO-VOLTAGE COLOR SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TCS3103 Datasheet(HTML) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TCS3103 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3103 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3103 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3103 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3103 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3103 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3103 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3103 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3103 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TCS3103, TCS3104
LIGHT-TO-VOLTAGE COLOR SENSOR
TAOS108B − JULY 2010
3
The LUMENOLOGY
r Company
r
r
Copyright
E 2010, TAOS Inc.
www.taosinc.com
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD tolerance, human body model
2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Moisture sensitivity level
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Solder conditions in accordance with JEDEC J−STD−020A, maximum temperature
260
°C
. . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to GND.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.5
5
5.5
V
Operating free-air temperature, TA
−30
70
°C
Input low voltage on MFP pin, VIL
VDD = 5 V
−0.5
1.5
V
Input high voltage on MFP pin, VIH
VDD = 5 V
3.5
5.5
V
Load capacitance, CL
VDD = 5 V
100
pF
Electrical Characteristics VDD = 5 V, TA = 255C, RL = 10 kW (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VD
Dark voltage, VOR, VOG, VOB
Ee = 0
0
10
mV
VOM
Maximum output voltage
VDD = 5 V
4.8
V
IDD
Supply current
VDD = 5 V, Ee = 0
270
500
μA
λp = 470 nm, Gain select = 1
×
0.02
V/
ReR
Irradiance responsivity, VOR
λp = 524 nm, Gain select = 1
×
0.09
mV/
(
μW/cm2)
ReR
Irradiance responsivity, VOR
λp = 640 nm, Gain select = 1
×
0.3
0.4
0.5
(
μW/cm2)
λp = 470 nm, Gain select = 1
×
0.13
V/
ReG
Irradiance responsivity, VOG
λp = 524 nm, Gain select = 1
×
0.18
0.25
0.31
mV/
(
μW/cm2)
ReG
Irradiance responsivity, VOG
λp = 640 nm, Gain select = 1
×
0.06
(
μW/cm2)
λp = 470 nm, Gain select = 1
×
0.15
0.2
0.25
V/
ReB
Irradiance responsivity, VOB
λp = 524 nm, Gain select = 1
×
0.13
mV/
(
μW/cm2)
ReB
Irradiance responsivity, VOB
λp = 640 nm, Gain select = 1
×
0.12
(
μW/cm2)
Gain scaling, 1
× to 2×
1.9
2
2.1
Gain scaling, 1
× to 4×
3.8
4
4.2
Tc
Temperature coefficient of output voltage
λp ≤ 700 nm, −30°C ≤ TA ≤ 70°C
± 360
ppm/
°C
Dynamic Characteristics, VDD = 5 V, TA = 255C, RL = 10 kW (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gain select = 1
×
12
μs
tr
Output pulse rise time, 10% to 90% of final value
Gain select = 2
×
24
μs
tr
Output pulse rise time, 10% to 90% of final value
Gain select = 4
×
40
μs
Gain select = 1
×
15
μs
tf
Output pulse fall time, 90% to 10% of final value
Gain select = 2
×
28
μs
tf
Output pulse fall time, 90% to 10% of final value
Gain select = 4
×
44
μs
Integrated noise voltage
f = DC to 1 kHz, Ee = 0
200
μVrms
tPZX
Propagation delay, output active
VDD ramp 0 V to 5 V
50
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com