Electronic Components Datasheet Search
  English  ▼

X  

TCS3200 Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TCS3200
Description  COLOR LIGHT-TO-FREQUENCY CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TCS3200 Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TCS3200 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3200 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3200 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3200 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3200 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3200 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3200 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3200 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3200 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TCS3200, TCS3210
PROGRAMMABLE
COLOR LIGHT-TO-FREQUENCY CONVERTER
TAOS099A − AUGUST 2011
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
D High-Resolution Conversion of Light
Intensity to Frequency
D Programmable Color and Full-Scale Output
Frequency
D Communicates Directly With a Microcontroller
D Single-Supply Operation (2.7 V to 5.5 V)
D Power Down Feature
D Nonlinearity Error Typically 0.2% at 50 kHz
D Stable 200 ppm/°C Temperature Coefficient
D Low-Profile Lead (Pb) Free and RoHS
Compliant Surface-Mount Package
Description
The TCS3200 and TCS3210 programmable color
light-to-frequency converters that combine confi-
gurable silicon photodiodes and a current-to-fre-
quency converter on a single monolithic CMOS
integrated circuit. The output is a square wave
(50% duty cycle) with frequency directly propor-
tional to light intensity (irradiance).
The full-scale output frequency can be scaled by one of three preset values via two control input pins. Digital
inputs and digital output allow direct interface to a microcontroller or other logic circuitry. Output enable (OE)
places the output in the high-impedance state for multiple-unit sharing of a microcontroller input line.
In the TCS3200, the light-to-frequency converter reads an 8
× 8 array of photodiodes. Sixteen photodiodes have
blue filters, 16 photodiodes have green filters, 16 photodiodes have red filters, and 16 photodiodes are clear
with no filters.
In the TCS3210, the light-to-frequency converter reads a 4
× 6 array of photodiodes. Six photodiodes have blue
filters, 6 photodiodes have green filters, 6 photodiodes have red filters, and 6 photodiodes are clear with no
filters.
The four types (colors) of photodiodes are interdigitated to minimize the effect of non-uniformity of incident
irradiance. All photodiodes of the same color are connected in parallel. Pins S2 and S3 are used to select which
group of photodiodes (red, green, blue, clear) are active. Photodiodes are 110
μm
× 110 μm in size and are on
134-
μm centers.
Functional Block Diagram
Light
Current-to-Frequency
Converter
Photodiode
Array
S2
S3
S0
S1
OE
Output
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
8 S3
7 S2
6 OUT
5 VDD
PACKAGE D
8-LEAD SOIC
(TOP VIEW)
S0 1
S1 2
OE 3
GND 4
8 S3
7 S2
6 OUT
5 VDD
TCS3200
S0 1
S1 2
OE 3
GND 4
TCS3210


Similar Part No. - TCS3200

ManufacturerPart #DatasheetDescription
logo
ams AG
TCS3200 AMSCO-TCS3200 Datasheet
632Kb / 15P
PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
logo
OSRAM GmbH
TCS3200 OSRAM-TCS3200 Datasheet
736Kb / 25P
Programmable Color Light-to-Frequency Converter
v1-01 2018-Mar-14
TCS3200D-TR OSRAM-TCS3200D-TR Datasheet
736Kb / 25P
Programmable Color Light-to-Frequency Converter
v1-01 2018-Mar-14
More results

Similar Description - TCS3200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL235R ETC-TSL235R Datasheet
83Kb / 8P
LIGHTTOFREQUENCY CONVERTER
TCS230 ETC-TCS230 Datasheet
101Kb / 8P
PROGRAMMABLE COLOR LIGHTTOFREQUENCY CONVERTER
logo
Texas Instruments
TSL220 TI-TSL220 Datasheet
156Kb / 10P
LIGHT-TO-FREQUENCY CONVERTER
TSL235 TI-TSL235 Datasheet
80Kb / 6P
LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TCS230 TAOS-TCS230 Datasheet
196Kb / 12P
PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
TSL235R TAOS-TSL235R Datasheet
153Kb / 10P
LIGHT-TO-FREQUENCY CONVERTER
TCS230 TAOS-TCS230_08 Datasheet
170Kb / 12P
PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TCS3200 AMSCO-TCS3200 Datasheet
632Kb / 15P
PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
TSL235 AMSCO-TSL235 Datasheet
722Kb / 11P
LIGHT-TO-FREQUENCY CONVERTER
TSL235R AMSCO-TSL235R_V01 Datasheet
320Kb / 17P
Light-to-Frequency Converter
2018-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com