Electronic Components Datasheet Search
  English  ▼

X  

UT65N03 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT65N03
Description  65 Amps, 30 Volts, 3.7m廓 N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT65N03 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT65N03 Datasheet HTML 1Page - Unisonic Technologies UT65N03 Datasheet HTML 2Page - Unisonic Technologies UT65N03 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UT65N03
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-556.a
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous
ID
65
A
Drain Current
Pulsed
IDM
130
A
Single Pulsed Avalanche Energy
EAS
71.7
mJ
54
W
Power Dissipation
PD
0.43
W/°C
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+175
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
2.3
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
30
V
Drain-Source Leakage Current
IDSS
VDS=24V, VGS=0V
1
µA
Forward
VGS=+20V, VDS=0V
+100
nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
(Note 2)
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1.3
1.7
3
V
VGS=10V, ID=30A
6.5
8.4
Static Drain-Source On-State Resistance
RDS(ON)
VGS=4.5V, ID=30A
9.7 14.6
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
1177 1400
pF
Output Capacitance
COSS
555
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, f=1MHz,
VDS=20V
218
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
12.2
16
nC
Gate to Source Charge
QGS
2.95
nC
Gate to Drain Charge
QGD
VGS=5V, VDS=10V, ID=30A
6.08
nC
Turn-ON Delay Time
tD(ON)
6.3
ns
Rise Time
tR
18.6
ns
Turn-OFF Delay Time
tD(OFF)
20.3
ns
Fall-Time
tF
VGS=10V, VDS=25V,
ID=30A, RG=3Ω
8.8
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=20A, VGS=10V
0.85 1.1
V
Maximum Body-Diode Continuous Current
IS
65
A
Maximum Body-Diode Pulsed Current
ISM
130
A
Note: 1.
Pulse Test: Pulse Width ≤ 300 _s, Duty Cycle ≤ 2%.
2.
Switching characteristics are independent of operating junction temperatures.
3.
L=1.0mH, IAS=12A, VDD=24V, RG=25Ω, Satarting TJ=25°C.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com