Electronic Components Datasheet Search
  English  ▼

X  

AD8052LV Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # AD8052LV
Description  Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

AD8052LV Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button AD8052LV Datasheet HTML 5Page - Cadeka Microcircuits LLC. AD8052LV Datasheet HTML 6Page - Cadeka Microcircuits LLC. AD8052LV Datasheet HTML 7Page - Cadeka Microcircuits LLC. AD8052LV Datasheet HTML 8Page - Cadeka Microcircuits LLC. AD8052LV Datasheet HTML 9Page - Cadeka Microcircuits LLC. AD8052LV Datasheet HTML 10Page - Cadeka Microcircuits LLC. AD8052LV Datasheet HTML 11Page - Cadeka Microcircuits LLC. AD8052LV Datasheet HTML 12Page - Cadeka Microcircuits LLC. AD8052LV Datasheet HTML 13Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
©2011 CADEKA Microcircuits LLC
www.cadeka.com
9
Data Sheet
Typical Performance Characteristics
Vs = +5V, G = 2, Rf = 2kΩ, RL = 2kΩ to Vs/2; unless otherwise noted.
Large Signal Pulse Response Vs = +5V
Output Swing
Channel Matching Vs = +5V
Time (20ns/div)
Rf = 1kΩ
Time (0.5μs/div)
2.7
0
Vs = +2.7V
RL = 2kΩ
G = -1
Frequency (MHz)
0.1
1
10
100
Channel 1
Rf = 1kΩ
RL = 2kΩ
G = 2
Channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com