Electronic Components Datasheet Search
  English  ▼

X  

CLC1018IST6X Datasheet(PDF) 16 Page - Cadeka Microcircuits LLC.

Part # CLC1018IST6X
Description  0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1018IST6X Datasheet(HTML) 16 Page - Cadeka Microcircuits LLC.

Back Button CLC1018IST6X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1018IST6X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1018IST6X Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1018IST6X Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1018IST6X Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1018IST6X Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1018IST6X Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC1018IST6X Datasheet HTML 16Page - Cadeka Microcircuits LLC. CLC1018IST6X Datasheet HTML 17Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Data Sheet
©2009-2011 CADEKA Microcircuits LLC
www.cadeka.com
16
Mechanical Dimensions continued
SOIC-8 Package
MSOP-8 Package
±
±
±
±
±
±
±
±
±
±
±
±
±
°
±
3.0°
°
±
3.0°
°
±
3.0°
±
Ð
2
3
4
5
6
7
Dimension "E1" and "E2" does not include interlead flash or protrusion.
e
S
E/2 2X
ccc A B C
Ð B Ð 2
3 7
2
6
4
D2
A2
A
A1
Ð A Ð
bbb
A B C
M
4
3
aaa A
E1
E2
E1
E
Detail A
A
A
Section A - A
b
c
c1
b1
Scale 40:1
t1
t2
Plane
0.25mm
R1
R
L
L1
03
02
01
Ð H Ð
E3
E4
1
2
b
D
5
Symbol
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com