Electronic Components Datasheet Search
  English  ▼

X  

TCS3471 Datasheet(PDF) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TCS3471
Description  COLOR LIGHT-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TCS3471 Datasheet(HTML) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TCS3471 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3471 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TCS3471
COLOR LIGHT-TO-DIGITAL CONVERTER
TAOS115 − MARCH 2011
9
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Interrupts
The interrupt feature simplifies and improves system efficiency by eliminating the need to poll the sensor for
light intensity values outside of a user-defined range. While the interrupt function is always enabled and it’s
status is available in the status register (0x13), the output of the interrupt state can be enabled using the RGBC
interrupt enable (AIEN) field in the enable register (0x00).
Two 16-bit interrupt threshold registers allow the user to set limits below and above a desired light level range.
An interrupt can be generated when the RGBC Clear data (CDATA) falls outside of the desired light level
range, as determined by the values in the RGBC interrupt low threshold registers (AILTx) and RGBC interrupt
high threshold registers (AIHTx). It is important to note that the low threshold value must be less than the high
threshold value for proper operation.
To further control when an interrupt occurs, the device provides a persistence filter. The persistence filter allows
the user to specify the number of consecutive out-of-range RGBC occurrences before an interrupt is generated.
The persistence register (0x0C) allows the user to set the persistence (APERS) value. See the persistence
register for details on the persistence filter values. Once the persistence filter generates an interrupt, it will
continue until a special function interrupt clear command is received (see command register).
Clear
ADC
Clear
Data
Clear
Upper Limit
Lower Limit
AIHTH(r 07), AIHTL(r 06)
RGBC Persistence
AILTH(r 05), AILTL(r 04)
PPERS(r 0x0C, b3:0)
Figure 8. Programmable Interrupt
State Diagram
Figure 9 shows a more detailed flow for the state machine. The device starts in the sleep mode. The PON bit
is written to enable the device. A 2.4-ms delay will occur before entering the start state. If the WEN bit is set,
the state machine will cycle through the wait state. If the WLONG bit is set, the wait cycles are extended by 12
×
over normal operation. When the wait counter terminates, the state machine will step to the RGBC state.
The AEN should always be set. In this case, a minimum of 1 integration time step should be programmed. The
RGBC state machine will continue until it reaches the terminal count, at which point the data will be latched in
the RGBC register and the interrupt set, if enabled.
Wait
Check
PON = 1
PON = 0
Sleep
ALS
Check
Wait
Start
WEN = 1
ALS
ALS
Delay
AEN = 1
1 to 256steps
Step: 2.4 ms
Time: 2.4 ms − 614 ms
WLONG = 0
1 to 256 steps
Step: 2.4 ms
Time: 2.4 ms − 614 ms
Minimum − 2.4 ms
WLONG = 1
1 to 256 steps
Step: 29 ms
Time: 29 ms − 7.4 s
Minimum − 29 ms
Time: 2.4 ms
Figure 9. Expanded State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com