Electronic Components Datasheet Search
  English  ▼

X  

CT0707F Datasheet(PDF) 1 Page - Central Technologies

Part # CT0707F
Description  From 0.56 關H to 4.7 關H
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0707F Datasheet(HTML) 1 Page - Central Technologies

  CT0707F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIP Inductors - Shielded
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2009 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
04.22.09
SPECIFICATIONS
Inductance
DCR
DCR
Isat
Irms
Dim. “H”
Pin Dim.
Part
±20%
Typ.
Max.
Typ.
Typ.
Max.
±0.1
Number
(µH)
(m
Ω
Ω)(mΩ
Ω)
(A)
(A)
(mm)
(mm)
CT0707F-R56M
0.56
2.2
2.5
32
18.0
8.5
0.8
CT0707F-1R0M
1.0
5.0
5.6
21
12.0
8.5
0.7
CT0707F-1R5M
1.5
6.6
7.5
18
10.6
8.5
0.6
CT0707F-2R2M
2.2
8.8
10.0
16
9.2
8.5
0.6
CT0707F-2R8M
2.8
10.4
11.8
15
8.5
8.5
0.6
CT0707F-3R3M
3.3
12.0
13.6
14
8.0
10.0
0.6
CT0707F-4R7M
4.7
15.0
17.0
12
7.2
10.0
0.6
CT0707F Series
From 0.56 µH to 4.7 µH
Not shown at actual size.
CHARACTERISTICS
Description: DIP (shielded) power inductors
Applications: Motherboards for laptop and desktop computers &
DC/DC converters
Operating Temperature: -25°C to +125°C
Inductance Tolerance: ±20%
Testing: Inductance tested at 100kHz, 0.1V
Packaging: Bulk packaged
Marking: Marked with inductance code
Isat: The value of current indicates that inductance drops 20%
typ. from it’s initial value without DC current.
Irms: The value of current indicates that the temperature of the
coil increases 40°C typ.
Features:
* Shielded construction
* High current rating up to 18Adc
* High frequency range up to 500kHz
* Very low DC resistance
* Low noise
Miscellaneous: RoHS Compliant.
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
A
H
C
Pin Dim.
B
D
S
F
Size
A
B
C
D
mm
7.5±0.5
7.5±0.5
3.4±0.5
5.0±0.3
inches 0.295±0.02
0.295±0.02
0.134±0.02
0.197±0.01
RoHS
Compliant


Similar Part No. - CT0707F

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CT07-1000 ICE-CT07-1000 Datasheet
461Kb / 1P
Current Sense Xfmr
logo
PowerVolt Inc.
CT0750-A00 POWERVOLT-CT0750-A00 Datasheet
151Kb / 1P
Connection Diagram , Schematic
CT0750-B00 POWERVOLT-CT0750-B00 Datasheet
151Kb / 1P
Connection Diagram , Schematic
CT0750-C00 POWERVOLT-CT0750-C00 Datasheet
157Kb / 1P
Schematic
CT0750-D00 POWERVOLT-CT0750-D00 Datasheet
157Kb / 1P
Schematic
More results

Similar Description - CT0707F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXL001 MAXIM-MAXL001 Datasheet
70Kb / 3P
100關H Toroid Inductor
logo
SCHOTT CORPORATION
33683 SCHOTT-33683 Datasheet
13Kb / 1P
INDUCTOR, 96 關H
logo
Central Technologies
CTCDTF CT-CTCDTF Datasheet
419Kb / 2P
From 4.7 關H to 56 關H
CTE526HNF CT-CTE526HNF Datasheet
90Kb / 1P
From 0.03 關H to 0.53 關H
CTIHLP2709F CT-CTIHLP2709F Datasheet
389Kb / 1P
From .47 關H to 10 關H
CTIHLP2714F CT-CTIHLP2714F Datasheet
393Kb / 1P
From .22 關H to 22 關H
CTPC4012F CT-CTPC4012F Datasheet
325Kb / 1P
From 1.0 關H to 47 關H
CTRL5480F-1 CT-CTRL5480F-1 Datasheet
330Kb / 1P
From 3.9 關H to 22,000 關H
logo
Bourns Electronic Solut...
SRF0905-202Y BOURNS-SRF0905-202Y Datasheet
364Kb / 2P
Inductance range: 10 to 6500 關H
SRN1060-221M BOURNS-SRN1060-221M Datasheet
329Kb / 2P
Inductance range: 10 to 470 關H
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com