Electronic Components Datasheet Search
  English  ▼

X  

TCS34715 Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TCS34715
Description  COLOR LIGHT-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TCS34715 Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TCS34715 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS34715 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS34715 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS34715 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS34715 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS34715 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS34715 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS34715 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS34715 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TCS3471
COLOR LIGHT-TO-DIGITAL CONVERTER
TAOS115 − MARCH 2011
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Features
D Color Light Sensing
− Programmable Analog Gain, Integration
Time, and Interrupt Function with Upper
and Lower Thresholds
− Resolution Up to 16 Bits
− Very High Sensitivity — Ideally Suited for
Operation Behind Dark Glass
− Up to 1,000,000:1 Dynamic Range
D Low Power Wait State
− 65
mA Typical Current
− Wait Timer is Programmable from 2.4 ms
to > 7 Seconds
D I2C Interface Compatible
− Up to 400 kHz (I2C Fast Mode)
D Dedicated Interrupt Pin
D Pin and Register Set Compatible with the
TCS3x7x Family of Devices
D Small 2 mm y 2.4 mm Dual Flat No-Lead
Package
D Sleep Mode — 2.5 mA Typical Current
Applications
D Color Temperature Sensing
D RGB LED Backlight Control
D Color Display Closed-Loop Feedback
Control
D Ambient Light Sensing for Display
Brightness Control
D Industrial Process Control
D Medical Diagnostics
End Products and Market Segments
D HDTVs, Mobile Handsets, Tablets, Laptops,
Monitors, PMP (Portable Media Payers)
D Medical Instrumentation
D Consumer Toys
D Industrial/Commercial Lighting
Description
The TCS3471 family of devices provides red, green, blue, and clear light sensing (RGBC) that detects light
intensity under a variety of lighting conditions and through a variety of attenuation materials. An internal state
machine provides the ability to put the device into a low power mode in between RGBC measurements providing
very low average power consumption.
The TCS3471 is directly useful in lighting conditions containing minimal IR content such as LED RGB backlight
control, reflected LED color sampler, or fluorescent light color temperature detector. With the addition of an IR
blocking filter, the device is an excellent ambient light sensor, color temperature monitor, and general purpose
color sensor.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE FN
DUAL FLAT NO-LEAD
(TOP VIEW)
VDD 1
SCL 2
GND 3
6 SDA
5 INT
4 NC
Package Drawing Not to Scale


Similar Part No. - TCS34715

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TCS34715FN OSRAM-TCS34715FN Datasheet
914Kb / 39P
Color Light-to-Digital Converter
v1-01 2018-Mar-27
More results

Similar Description - TCS34715

ManufacturerPart #DatasheetDescription
logo
ams AG
TCS3471 AMSCO-TCS3471 Datasheet
1Mb / 23P
COLOR LIGHT-TO-DIGITAL CONVERTER
TCS3472 AMSCO-TCS3472 Datasheet
1Mb / 27P
COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
TCS3771 AMSCO-TCS3771 Datasheet
1Mb / 33P
COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TCS3772 AMSCO-TCS3772 Datasheet
1Mb / 33P
COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
TEXAS ADVANCED OPTOELEC...
TCS37717 TAOS-TCS37717 Datasheet
1Mb / 48P
Color Light-To-Digital Converter
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
logo
ams AG
TCS3490 AMSCO-TCS3490 Datasheet
714Kb / 34P
Color Light-to-Digital Converter
TCS3471 AMSCO-TCS3471_V01 Datasheet
571Kb / 38P
Color Light-to-Digital Converter
2018-Mar-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com