Electronic Components Datasheet Search
  English  ▼

X  

TSL2568 Datasheet(PDF) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL2568
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL2568 Datasheet(HTML) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL2568 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2568 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2568 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2568 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2568 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2568 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2568 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2568 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2568 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
TSL2568, TSL2569
LIGHT-TO-DIGITAL CONVERTER
TAOS091D − DECEMBER 2008
8
r
r
Copyright
E 2008, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
PRINCIPLES OF OPERATION
Analog-to-Digital Converter
The TSL256x contains two integrating analog-to-digital converters (ADC) that integrate the currents from the
channel 0 and channel 1 photodiodes. Integration of both channels occurs simultaneously, and upon completion
of the conversion cycle the conversion result is transferred to the channel 0 and channel 1 data registers,
respectively. The transfers are double buffered to ensure that invalid data is not read during the transfer. After
the transfer, the device automatically begins the next integration cycle.
Digital Interface
Interface and control of the TSL256x is accomplished through a two-wire serial interface to a set of registers
that provide access to device control functions and output data. The serial interface is compatible with System
Management Bus (SMBus) versions 1.1 and 2.0, and I2C bus Fast-Mode. The TSL256x offers three slave
addresses that are selectable via an external pin (ADDR SEL). The slave address options are shown in Table 1.
Table 1. Slave Address Selection
ADDR SEL TERMINAL LEVEL
SLAVE ADDRESS
SMB ALERT ADDRESS
GND
0101001
0001100
Float
0111001
0001100
VDD
1001001
0001100
NOTE: The Slave and SMB Alert Addresses are 7 bits. Please note the SMBus and I2C protocols on pages 9 through 12. A read/write bit should
be appended to the slave address by the master device to properly communicate with the TSL256X device.
SMBus and I2C Protocols
Each Send and Write protocol is, essentially, a series of bytes. A byte sent to the TSL256x with the most
significant bit (MSB) equal to 1 will be interpreted as a COMMAND byte. The lower four bits of the COMMAND
byte form the register select address (see Table 2), which is used to select the destination for the subsequent
byte(s) received. The TSL256x responds to any Receive Byte requests with the contents of the register
specified by the stored register select address.
The TSL256X implements the following protocols of the SMB 2.0 specification:
D Send Byte Protocol
D Receive Byte Protocol
D Write Byte Protocol
D Write Word Protocol
D Read Word Protocol
D Block Write Protocol
D Block Read Protocol
The TSL256X implements the following protocols of the Philips Semiconductor I2C specification:
D I2C Write Protocol
D I2C Read (Combined Format) Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com