Electronic Components Datasheet Search
  English  ▼

X  

TSL2571 Datasheet(PDF) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL2571
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL2571 Datasheet(HTML) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL2571 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2571 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2571 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2571 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2571 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2571 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2571 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2571 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2571 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TSL2571
LIGHT-TO-DIGITAL CONVERTER
TAOS117A − FEBRUARY 2011
4
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Operating Characteristics, VDD = 3 V, TA = 255C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Active
175
250
IDD
Supply current
Wait mode
65
μA
IDD
Supply current
Sleep mode — no I2C activity
2.5
4
μA
V
INT SDA output low voltage
3 mA sink current
0
0.4
V
VOL
INT, SDA output low voltage
6 mA sink current
0
0.6
V
I LEAK
Leakage current, SDA, SCL, INT pins
−5
5
μA
V
SCL SDA input high voltage
TSL25711, TSL25715
0.7 VDD
V
VIH
SCL, SDA input high voltage
TSL25713, TSL25717
1.25
V
V
SCL SDA input low voltage
TSL25711, TSL25715
0.3 VDD
V
VIL
SCL, SDA input low voltage
TSL25713, TSL25717
0.54
V
ALS Characteristics, VDD = 3 V, TA = 255C, Gain = 16, AEN = 1 (unless otherwise noted)
(Notes 1 ,2, 3)
PARAMETER
TEST CONDITIONS
CHANNEL
MIN
TYP
MAX
UNIT
Dark ADC count value
Ee = 0, AGAIN = 120
×,
CH0
0
1
5
counts
Dark ADC count value
Ee = 0, AGAIN = 120
×,
ATIME = 0xDB (100 ms)
CH1
0
1
5
counts
ADC integration time step size
ATIME = 0xFF
2.58
2.72
2.9
ms
ADC Number of integration steps
1
256
steps
ADC counts per step
ATIME = 0xFF
0
1024
counts
ADC count value
ATIME = 0xC0
0
65535
counts
λp = 625 nm, Ee = 171.6 μW/cm2,
CH0
4000
5000
6000
ADC count value
λp = 625 nm, Ee = 171.6 μW/cm ,
ATIME = 0xF6 (27 ms) See note 2.
CH1
790
counts
ADC count value
λp = 850 nm, Ee = 219.7 μW/cm2,
CH0
4000
5000
6000
counts
λp = 850 nm, Ee = 219.7 μW/cm ,
ATIME = 0xF6 (27 ms) See note 3.
CH1
2800
λ
625 nm ATIME
0xF6 (27 ms) See note 2
10 8
15 8
20 8
ADC count value ratio: CH1/CH0
λp = 625 nm, ATIME = 0xF6 (27 ms) See note 2.
10.8
15.8
20.8
%
ADC count value ratio: CH1/CH0
λ
850 nm ATIME
0xF6 (27 ms) See note 3
41
56
68
%
ADC count value ratio: CH1/CH0
λp = 850 nm, ATIME = 0xF6 (27 ms) See note 3.
41
56
68
%
λp = 625 nm, ATIME = 0xF6 (27 ms)
CH0
29.1
R
Irradiance responsivity
λp = 625 nm, ATIME = 0xF6 (27 ms)
See note 2.
CH1
4.6
counts/
(
μW/
Re
Irradiance responsivity
λp = 850 nm, ATIME = 0xF6 (27 ms)
CH0
22.8
(
μW/
cm2)
λp = 850 nm, ATIME = 0xF6 (27 ms)
See note 3.
CH1
12.7
cm2)
Gi
li
lti
t 1
× i
8
×
−10
10
Gain scaling, relative to 1
× gain
16
×
10
10
%
Gain scaling, relative to 1
× gain
setting
16
×
−10
10
%
setting
120
×
−10
10
%
NOTES: 1. Optical measurements are made using small-angle incident radiation from light-emitting diode optical sources. Visible 625 nm LEDs
and infrared 850 nm LEDs are used for final product testing for compatibility with high-volume production.
2. The 625 nm irradiance Ee is supplied by an AlInGaP light-emitting diode with the following typical characteristics: peak wavelength
λp = 625 nm and spectral halfwidth Δλ½ = 20 nm.
3. The 850 nm irradiance Ee is supplied by a GaAs light-emitting diode with the following typical characteristics: peak wavelength
λp = 850 nm and spectral halfwidth Δλ½ = 42 nm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com