Electronic Components Datasheet Search
  English  ▼

X  

UT2301 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT2301
Description  2.8A, 20V P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2301 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT2301 Datasheet HTML 1Page - Unisonic Technologies UT2301 Datasheet HTML 2Page - Unisonic Technologies UT2301 Datasheet HTML 3Page - Unisonic Technologies UT2301 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT2301
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-118.G
2.8A, 20V P-CHANNEL
ENHANCEMENT MODE POWER
MOSFET
DESCRIPTION
The UTC UT2301 is P-channel enhancement mode power
MOSFET, designed in serried ranks. With fast switching speed, low
on-resistance, favorable stabilization.
Used in commercial and industrial surface mount applications
and suited for low voltage applications such as DC/DC converters.
SYMBOL
2.Gate
1.Source
3.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UT2301L-AE2-R
UT2301G-AE2-R
SOT-23-3
S
G
D
Tape Reel
UT2301L-AE3-R
UT2301G-AE3-R
SOT-23
S
G
D
Tape Reel
MARKING
23A
L: Lead Free
G: Halogen Free


Similar Part No. - UT2301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT23014 ETC1-UT23014 Datasheet
32Kb / 1P
DUAL T1/E1 TRANSFORMERS FOR INFINEON FALC IC APPLICATIONS
logo
Unisonic Technologies
UT2301G-AE2-R UTC-UT2301G-AE2-R Datasheet
233Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT2301G-AE3-R UTC-UT2301G-AE3-R Datasheet
233Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
UT2301G-AE3-R VBSEMI-UT2301G-AE3-R Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
UT2301L-AE3-R VBSEMI-UT2301L-AE3-R Datasheet
472Kb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - UT2301

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
logo
KIA Semiconductor Techn...
2301 KIA-2301 Datasheet
111Kb / 4P
-2.8A竊?20V P-CHANNEL MOSFET
logo
AiT Semiconductor Inc.
AM1013 AITSEMI-AM1013 Datasheet
679Kb / 8P
MOSFET 20V P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com