Electronic Components Datasheet Search
  English  ▼

X  

UT912D Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT912D
Description  DECODERS FOR REMOTE CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT912D Datasheet(HTML) 1 Page - Unisonic Technologies

  UT912D Datasheet HTML 1Page - Unisonic Technologies UT912D Datasheet HTML 2Page - Unisonic Technologies UT912D Datasheet HTML 3Page - Unisonic Technologies UT912D Datasheet HTML 4Page - Unisonic Technologies UT912D Datasheet HTML 5Page - Unisonic Technologies UT912D Datasheet HTML 6Page - Unisonic Technologies UT912D Datasheet HTML 7Page - Unisonic Technologies UT912D Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO.,
UT912D
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-044.B
DECODERS FOR REMOTE
CONTROLLER
DESCRIPTION
The UTC UT912D of CMOS LSIs for remote control system
applications are paired with UTC UT912E (refer to the
encoder/decoder cross reference table) and is capable of
decoding information which consists of N address bits and 12-N
data bits. For proper operation, a pair of encoder/decoder with the
same number of addresses and data format should be chosen.
The UTC UT912D also is arranged to provide 8 address bits and
4 data bits.
The decoders receive serial addresses and data from a
programmed UTC UT912E of encoders that are transmitted
together with the header bits by a RF or an infrared transmission
medium upon receipt of a trigger signal. If no error or unmatched
codes are found, the input data codes are decoded and then
transferred to the output pins. The VT pin also goes high to
indicate a valid transmission.
FEATURES
* Pair with UTC UT912E
* Operating voltage: 2.4V ~ 12V
* Low power and high noise immunity CMOS technology
* Low standby current
* Built-in oscillator needs only 5% resistor
* Binary address setting
* Received codes are checked 3 times
* Capable of decoding 12 bits of information
* Address/Data number combination: 8 address bits and 4 data
bits
* Vaild transmission indicator
* Minimal external components
DIP-18
SOP-20
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UT912DL-D18-T
UT912DG-D18-T
DIP-18
Tube
UT912DL-S20-R
UT912DG-S20-R
SOP-20
Tape Reel
UT912DL-S20-T
UT912DG-S20-T
SOP-20
Tube


Similar Part No. - UT912D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT912D UTC-UT912D Datasheet
296Kb / 7P
DECODERS FOR REMOTE CONTROLLER
UT912D-D18-T UTC-UT912D-D18-T Datasheet
296Kb / 7P
DECODERS FOR REMOTE CONTROLLER
UT912D-S20-R UTC-UT912D-S20-R Datasheet
296Kb / 7P
DECODERS FOR REMOTE CONTROLLER
UT912D-S20-T UTC-UT912D-S20-T Datasheet
296Kb / 7P
DECODERS FOR REMOTE CONTROLLER
UT912DG-D18-T UTC-UT912DG-D18-T Datasheet
360Kb / 8P
DECODERS FOR REMOTE CONTROLLER
More results

Similar Description - UT912D

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2807 NEC-UPC2807 Datasheet
46Kb / 8P
PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER
logo
Unisonic Technologies
UT912D UTC-UT912D Datasheet
296Kb / 7P
DECODERS FOR REMOTE CONTROLLER
UT912E UTC-UT912E Datasheet
152Kb / 8P
ENCODER FOR REMOTE CONTROLLER
logo
rfsolutions.ltd
105-433F RFSOLUTIONS-105-433F Datasheet
68Kb / 4P
REMOTE RECEIVER DECODERS
logo
Unisonic Technologies
UT912E UTC-UT912E_10 Datasheet
190Kb / 8P
ENCODER FOR REMOTE CONTROLLER
RCT02 UTC-RCT02_15 Datasheet
258Kb / 11P
ENCODER FOR REMOTE CONTROLLER
RCT2E UTC-RCT2E_15 Datasheet
216Kb / 6P
ENCODER FOR REMOTE CONTROLLER
UT912D UTC-UT912D_15 Datasheet
360Kb / 8P
DECODERS FOR REMOTE CONTROLLER
UT912E UTC-UT912E_15 Datasheet
302Kb / 9P
ENCODER FOR REMOTE CONTROLLER
RCR02 UTC-RCR02_18 Datasheet
198Kb / 7P
DECODER FOR REMOTE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com