Electronic Components Datasheet Search
  English  ▼

X  

TSL4531 Datasheet(PDF) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL4531
Description  DIGITAL AMBIENT LIGHT SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL4531 Datasheet(HTML) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL4531 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL4531 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL4531 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL4531 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL4531 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL4531 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL4531 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL4531 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL4531 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TSL4531
DIGITAL AMBIENT LIGHT SENSOR
TAOS112 − OCTOBER 2011
8
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Register Set
The device is controlled and monitored by data registers and a command register accessed through the serial
interface. These registers provide for a variety of control functions and can be read to determine results of the
ADC conversions.
Table 1. Register Set
ADDRESS
RESISTER NAME
R/W
REGISTER FUNCTION
RESET
VALUE
−−
COMMAND
W
Specifies register address
0x00
0x00
CONTROL
R/W
Power on/off and single cycle
0x00
0x01
CONFIG
R/W
Powersave Enable / Integration Time
0x00
0x04
DATALOW
R
ALS Data LOW Register
0x00
0x05
DATAHIGH
R
ALS Data HIGH Register
0x00
0x0A
ID
R
Device ID
ID
The mechanics of accessing a specific register depends on the specific protocol used. See the section on I2C
protocols on the previous pages. In general, the COMMAND register is written first to specify the specific
control/status register for following read/write operations.
There are 16 register locations, but only 5 registers are implemented. To make the register read process more
efficient when reading multiple bytes of data as in the combined format protocol, the address index pointer is
automatically incremented to skip over the unused registers, as shown in Figure 7.
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
Address in hex
Address increments by 1 except where noted:
Cycle is 0h, Ah, Bh, Ch, Dh, 0h
Figure 7. Combined Format Read Cycle Pattern
Command Register
The command register specifies the address of the target register for future write and read operations. It
contains two user fields as described below and defaults to 0x00 at power-on.
Table 2. Command Register
6
75
4
ADDRESS
2
31
0
COMMAND
COMMAND
Reserved
FIELD
BITS
DESCRIPTION
COMMAND
7
Select Command Register. Must write as 1.
Reserved
6:4
Reserved. Write as 0.
ADDRESS
3:0
Address register. Selects the specific register for write and read transactions that follow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com