Electronic Components Datasheet Search
  English  ▼

X  

TSL45315 Datasheet(PDF) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL45315
Description  DIGITAL AMBIENT LIGHT SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL45315 Datasheet(HTML) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL45315 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45315 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45315 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45315 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45315 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45315 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45315 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45315 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL45315 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TSL4531
DIGITAL AMBIENT LIGHT SENSOR
TAOS112 − OCTOBER 2011
9
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Control Register (0x00)
The CONTROL register is used to power the device on/off and single cycle.
Table 3. Control Register
6
75
4
2
31
0
CONTROL
Reset
0x00
MODE
Reserved
FIELD
BITS
DESCRIPTION
Reserved
7:2
Reserved. Write as 0.
MODE
1:0
Operating Mode. This two-bit field controls the mode of the device:
FIELD VALUE
FUNCTION
00
Power Down
01
Reserved
10
Run a single ADC cycle and return to PowerDown
11
Normal Operation
Configuration Register (0x01)
The configuration register controls the integration timer and power saving enabling through two user fields.
Table 4. Configuration Register
6
75
4
2
31
0
CONFIG
Reserved
Reset
0x00
TCNTRL
PSAVESKIP Reserved
FIELD
BITS
DESCRIPTION
Reserved
7:4
Reserved. Write as 0.
PSAVESKIP
3
PowerSave Mode. When asserted, the power save states are skipped following a light integration cycle
for shorter sampling rates (Note A).
Reserved
2
Reserved. Write as 0.
TCNTRL
1:0
Timer Control sets the integration time.
FIELD VALUE
MULTIPLIER
PURPOSE
00
1
×
Tint = 400 ms
01
2
×
Tint = 200 ms
10
4
×
Tint = 100 ms
11
−−
Reserved
NOTES: A. When PSAVESKIP = 0, the typical total cycle time is Tint + (60/MULTIPLIER) ms. When PSAVESKIP = 1, the typical total cycle
time is Tint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com