Electronic Components Datasheet Search
  English  ▼

X  

UT2306 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT2306
Description  N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2306 Datasheet(HTML) 3 Page - Unisonic Technologies

  UT2306 Datasheet HTML 1Page - Unisonic Technologies UT2306 Datasheet HTML 2Page - Unisonic Technologies UT2306 Datasheet HTML 3Page - Unisonic Technologies UT2306 Datasheet HTML 4Page - Unisonic Technologies UT2306 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UT2306
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-130.D
TYPICAL CHARACTERISTICS
VGS=10V
VGS=5V
02468
10
0
20
40
60
80
100
120
Drain Current,ID (A)
Drain-Source On Resistance
IDS=250μA
Gate Threshold Voltage
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
-50 -25
0
25
50
75 100 125 150
Junction Temperature,TJ (℃)
TJ=25℃
TJ=150℃
20
10
1
0.0
0.4
0.8
1.2
1.6
2.0
Source-Drain Voltage,VSD (V)
Source-Drain Diode Forward
VGS=10V
IDS=3.5A
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
-50 -25
0
25
50
75
150
125
100
RON@TJ=25℃:42mΩ
Junction Temperature,TJ (℃)
Drain-Source On Resistance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com