Electronic Components Datasheet Search
  English  ▼

X  

LSGK370-LP Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # LSGK370-LP
Description  Multi ARGUS LED 3 mm T1 LED, Non Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSGK370-LP Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  LSGK370-LP Datasheet HTML 1Page - Siemens Semiconductor Group LSGK370-LP Datasheet HTML 2Page - Siemens Semiconductor Group LSGK370-LP Datasheet HTML 3Page - Siemens Semiconductor Group LSGK370-LP Datasheet HTML 4Page - Siemens Semiconductor Group LSGK370-LP Datasheet HTML 5Page - Siemens Semiconductor Group LSGK370-LP Datasheet HTML 6Page - Siemens Semiconductor Group LSGK370-LP Datasheet HTML 7Page - Siemens Semiconductor Group LSGK370-LP Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
Grenzwerte2)
Maximum Ratings2)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS, LO, LG
LP
Betriebstemperatur
Operating temperature range
T
op
– 55 ... + 100
– 55 ... + 100
˚C
Lagertemperatur
Storage temperature range
T
stg
– 55 ... + 100
– 55 ... + 100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
+ 100
˚C
Durchlaßstrom
Forward current
I
F
40
30
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
0.5
0.5
A
Verlustleistung
Power dissipation
T
A ≤ 25 °C
P
tot
140
100
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Luft
Junction / air
R
th JA
400
400
K/W
2)
Die angegebenen Grenzdaten gelten für den Chip, für den sie angegeben sind, unabhängig vom
Betriebszustand des anderen.
2)
The stated maximum ratings refer to the specified chip regardless of the other one’s operating status.
LSG K370, LSP K370, LOP K370, LOG K370



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com