Electronic Components Datasheet Search
  English  ▼

X  

UT3009 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3009
Description  30V, 78A N-CHANNEL FAST SWITCHING POWER MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3009 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3009 Datasheet HTML 1Page - Unisonic Technologies UT3009 Datasheet HTML 2Page - Unisonic Technologies UT3009 Datasheet HTML 3Page - Unisonic Technologies UT3009 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3009
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-624.a
30V, 78A N-CHANNEL FAST
SWITCHING POWER MOSFETS
DESCRIPTION
The UTC UT3009 is an N-channel enhancement power MOSFET
using UTC’s advanced technology to provide the customers with
perfect RDS(ON), low gate charge, ultra high cell density and high
switching speed.
This UTC UT3009 is suitable for most of the synchronous buck
converter applications, etc.
FEATURES
* RDS(ON)=5.5mΩ @ VDSS=30V,ID=78A
* High Switching Speed
* Low Gate Charge(typical 20.8nC)
SYMBOL
1.Gate
2.Drain
3.Source
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UT3009L-TN3-R
UT3009G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UT3009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT300020 ETC-UT300020 Datasheet
177Kb / 4P
Diffuse reflection sensor (analogue/digital)
UT30002A ETC-UT30002A Datasheet
177Kb / 4P
Diffuse reflection sensor (analogue/digital)
UT300320 ETC-UT300320 Datasheet
177Kb / 4P
Diffuse reflection sensor (analogue/digital)
logo
Microsemi Corporation
UT3005 MICROSEMI-UT3005 Datasheet
139Kb / 3P
RECTIFIERS
logo
Digitron Semiconductors
UT3005 DIGITRON-UT3005 Datasheet
157Kb / 3P
STANDARD RECOVERY RECTIFIERS
More results

Similar Description - UT3009

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD3014 XINDEYI-UD3014 Datasheet
761Kb / 4P
N-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3002ANL UPI-QM3002ANL Datasheet
306Kb / 6P
N-Ch 30V Fast Switching MOSFETs
QM3004D UPI-QM3004D Datasheet
167Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3006M3 UPI-QM3006M3 Datasheet
227Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3006M6 UPI-QM3006M6 Datasheet
230Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3008K UPI-QM3008K Datasheet
224Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3014S UPI-QM3014S Datasheet
225Kb / 4P
N-ch 30V Fast Switching MOSFETs
QM3022M6 UPI-QM3022M6 Datasheet
235Kb / 4P
N-ch 30V Fast Switching MOSFETs
QM3404K UPI-QM3404K Datasheet
218Kb / 4P
N-Ch 30V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA3006 FETEK-FKBA3006 Datasheet
602Kb / 4P
N-Ch 30V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com