Electronic Components Datasheet Search
  English  ▼

X  

UT3401Z Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT3401Z
Description  P-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3401Z Datasheet(HTML) 4 Page - Unisonic Technologies

  UT3401Z Datasheet HTML 1Page - Unisonic Technologies UT3401Z Datasheet HTML 2Page - Unisonic Technologies UT3401Z Datasheet HTML 3Page - Unisonic Technologies UT3401Z Datasheet HTML 4Page - Unisonic Technologies UT3401Z Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UT3401Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-163.E
TYPICAL CHARACTERISTICS(Cont.)
0.1
1.0
Drain-Source Voltage, -VDS (V)
Maximum Forward Biased Safe
Operating Area
100
1
0.1
100.0
0.001
Pulse Width (s)
Single Pulse Power Rating
Junction-to-Ambient
1000
0.1
1
10
0
10
30
40
10
10.0
1s
100
0.01
TJ(Max)=150°C
TA=25°C
RDS(ON)
limited
10s
DC
0.1s 10ms
1ms
100μs
10μs
20
TJ(MAX)=150°C
TA=25°C
0.00001
Pulse Width (s)
Normalized Maximum Transient Thermal Impedance
0.1
0.0001
0.01
10
0.1
0.001
110
100
1000
1
0.01
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=90°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01,
single pulse
PD
T
Ton



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com