Electronic Components Datasheet Search
  English  ▼

X  

UT3419 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3419
Description  20V, 3.5A P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3419 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3419 Datasheet HTML 1Page - Unisonic Technologies UT3419 Datasheet HTML 2Page - Unisonic Technologies UT3419 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3419
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-391.C
20V, 3.5A P-CHANNEL
ENHANCEMENT MODE FIELD
EFFECT TRANSISTOR
DESCRIPTION
The UTC UT3419 is a P-channel enhancement MOSFET
providing designers with excellent RDS(ON), low gate charge. The
gate voltage is as low as 2.5V. It is ESD protection.
The UTC UT3419 can be applied in PWM applications or
used as a load switch.
FEATURES
* ESD Rating Is Up To 2000V HBM
* RDS(ON) < 75mΩ (VGS = -10V)
RDS(ON) < 95mΩ (VGS = -4.5V)
RDS(ON) < 145mΩ (VGS = -2.5V)
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UT3419L-AE3-R
UT3419G-AE3-R
SOT-23
S
G
D
Tape Reel
MARKING
34V
G: Halogen Free
L: Lead Free


Similar Part No. - UT3419

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3419G-AE2-R UTC-UT3419G-AE2-R Datasheet
204Kb / 4P
ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
UT3419G-AE3-R UTC-UT3419G-AE3-R Datasheet
204Kb / 4P
ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
UT3419G-AE3-R VBSEMI-UT3419G-AE3-R Datasheet
472Kb / 9P
P-Channel 20-V (D-S) MOSFET
logo
Unisonic Technologies
UT3419 UTC-UT3419_15 Datasheet
204Kb / 4P
ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - UT3419

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com