Electronic Components Datasheet Search
  English  ▼

X  

UT7401 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT7401
Description  1.2A, 30V P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT7401 Datasheet(HTML) 3 Page - Unisonic Technologies

  UT7401 Datasheet HTML 1Page - Unisonic Technologies UT7401 Datasheet HTML 2Page - Unisonic Technologies UT7401 Datasheet HTML 3Page - Unisonic Technologies UT7401 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UT7401
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-122.E
TYPICAL CHARACTERISTICS
CISS
CRSS
COSS
600
500
400
300
100
200
0
0
510
15
20
25
30
Drain-Source Voltage, -VDS (V)
Capacitance Characteristics
0
1
2
3
4
5
Gate Charge, -Qg (nC)
5
4
3
2
1
0
Gate-Charge Characteristics
VDS=-15V
ID=1A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com