Electronic Components Datasheet Search
  English  ▼

X  

UT13243 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT13243
Description  3.0V TO 5.5V POWER SUPPLY, 235KBPS, MULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT13243 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT13243 Datasheet HTML 1Page - Unisonic Technologies UT13243 Datasheet HTML 2Page - Unisonic Technologies UT13243 Datasheet HTML 3Page - Unisonic Technologies UT13243 Datasheet HTML 4Page - Unisonic Technologies UT13243 Datasheet HTML 5Page - Unisonic Technologies UT13243 Datasheet HTML 6Page - Unisonic Technologies UT13243 Datasheet HTML 7Page - Unisonic Technologies UT13243 Datasheet HTML 8Page - Unisonic Technologies UT13243 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT13243
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-573.D
+3.0V TO +5.5V POWER
SUPPLY, 235KBPS,
MULTICHANNAEL RS-232 LINE
DRIVERS/RECEIVERS
DESCRIPTION
The UTC UT13243 consists of 3 drivers and 5 receivers. It meets
ElA/TIA-232 and V.28/V.24 specifications, it intended for notebook
computer applications. A high-efficiency, dual charge-pumps power
supply and a low-dropout transmitter combine to deliver true RS-232
performance from a single +3.0V ~ +5.5V power supply. A
guaranteed data rate of 120kbps provides compatibility with popular
software for communicating with PCs.
The UTC UT13243 achieves 1µA supply current in shutdown condition. When the UT13243 doesn’t detect a valid
signal level on its receiver inputs, the on-board power supply and drivers will shutdown, and when a valid level is
applied to any RS-232 receiver input, then the system turns on again. Therefore, the system saves power without
changes to the existing BIOS or operating system.
The UTC UT13243 requires only 0.1µF capacitors in 3.3V operation, and can operate from input voltages ranging
from +3.0V ~ +5.5V. It is ideal for 3.3V-only systems, 5.0V-only systems, or mixed 3.3V and 5.0V systems that
require true RS-232 performance.
The UTC UT13243 includes one complementary always-active receiver that can monitor an external device (such as
a modem) in shutdown, without forward biasing the protection diodes in a UART that may have VCC completely
removed.
FEATURES
* Operates With 3.0V ~ 5.5V Power Supply
* Three Drivers and Five Receivers
* Operates Up To 235 kbps
* Designed to Transmit at a Data Rate of 235 kbps
* Low Standby Current (1uA Typical)
* External Capacitors (4*0.1µF)
* Accepts 5.0V Logic Input With 3.3V Supply
* Always-Active Non-inverting Receiver Output (R2OUTB)
* Serial-Mouse Drivability
* ESD(HBM) Protected ±8KV(MIN.)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UT13243L-P28-T
UT13243G-P28-T
TSSOP-28
Tube
UT13243L-P28-R
UT13243G-P28-R
TSSOP-28
Tape Reel
UT13243L-R28-T
UT13243G-R28-T
SSOP-28
Tube
UT13243L-R28-R
UT13243G-R28-R
SSOP-28
Tape Reel
(1) R: Tape Reel
(2) P28: TSSOP-28, R28: SSOP-28
(3) Halogen Free, L: Lead Free
UT13243L-P28-R
(1)Packing Type
(2)Package Type
(3)Lead Free


Similar Part No. - UT13243

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT130NHBD AEROFLEX-UT130NHBD Datasheet
75Kb / 8P
Hardened-by-Design (HBD) Standard Cell
logo
Unisonic Technologies
UT131 UTC-UT131 Datasheet
189Kb / 5P
TRIACS LOGIC LEVEL
UT131 UTC-UT131 Datasheet
297Kb / 5P
TRIACS LOGIC LEVEL
UT131G-5-AA3-R UTC-UT131G-5-AA3-R Datasheet
278Kb / 5P
TRIAC LOGIC LEVEL
UT131G-5-T92-B UTC-UT131G-5-T92-B Datasheet
278Kb / 5P
TRIAC LOGIC LEVEL
More results

Similar Description - UT13243

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3243 UTC-UT3243 Datasheet
272Kb / 9P
3.0V TO 5.5V POWER SUPPLY, 235KBPS, MULTICHANNAEL RS-232 LINE
logo
Analog Devices
ADM206E AD-ADM206E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM207E AD-ADM207E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM208E AD-ADM208E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
logo
Unisonic Technologies
UT3223 UTC-UT3223 Datasheet
232Kb / 9P
MULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
UT3243 UTC-UT3243_15 Datasheet
272Kb / 9P
MULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com