Electronic Components Datasheet Search
  English  ▼

X  

UTD408 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTD408
Description  N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD408 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTD408 Datasheet HTML 1Page - Unisonic Technologies UTD408 Datasheet HTML 2Page - Unisonic Technologies UTD408 Datasheet HTML 3Page - Unisonic Technologies UTD408 Datasheet HTML 4Page - Unisonic Technologies UTD408 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTD408
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-184.A
TYPICAL CHARACTERISTICS
VGS=4.5V
ID=18A
VGS=10V
1.6
1.4
1.2
1
0.8
025
50
75
175
150
125
100
20
15
10
5
0
10
12
14
16
18
20
22
24
Drain Current,ID (A)
On-Resistance vs. Drain Current
and Gate Voltage
On-Resistance vs. Junction
Temperature
Junction Temperature (℃)
VGS=10V
VGS=4.5V
25℃
125℃
ID=18A
125℃
25℃
50
40
30
20
10
24
6
8
10
0.0
0.20.4
0.60.8
1.0
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
Gate to Source Voltage,VGS (V)
Body Diode Forward Voltage,VSD (V)
Body-Diode Characteristics
On-Resistance vs. Gate-Source Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com