Electronic Components Datasheet Search
  English  ▼

X  

UTD420 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTD420
Description  N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD420 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTD420 Datasheet HTML 1Page - Unisonic Technologies UTD420 Datasheet HTML 2Page - Unisonic Technologies UTD420 Datasheet HTML 3Page - Unisonic Technologies UTD420 Datasheet HTML 4Page - Unisonic Technologies UTD420 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTD420
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-188.A
TYPICAL CHARACTERISTICS(Cont.)
TJ(Max)=150℃
TA=25℃
50
40
30
20
10
0
0.001 0.01
0.1
1
10
100
1000
Pulse Width (s)
Single Pulse Power Rating Junction-
to-Ambient (Note F)
Maximum Forward Biased Safe
Operating Area (Note F)
Drain to Source Voltage,VDS (V)
TJ(Max)=150℃
TA=25℃
DC
100.0
10.0
1.0
0.1
0.1
1
10
100
RDS(ON)
Limited
10s
1s
10ms
0.1s
10μs
100μs
1ms
60



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com