Electronic Components Datasheet Search
  English  ▼

X  

UTD3055 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTD3055
Description  POWER MOSFET 12 AMPS, 60 VOLTS N?밅HANNEL DPAK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD3055 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTD3055 Datasheet HTML 1Page - Unisonic Technologies UTD3055 Datasheet HTML 2Page - Unisonic Technologies UTD3055 Datasheet HTML 3Page - Unisonic Technologies UTD3055 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTD3055
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-460.a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SWITCHING PARAMETERS
(Note 2)
QT
12.2
17
nC
Q1
3.2
nC
Q2
5.2
nC
Gate Charge
Q3
VGS=10V, VDS=48V, ID=12A
5.5
nC
Turn-ON Delay Time
tD(ON)
7.0
10
ns
Rise Time
tR
34
60
ns
Turn-OFF Delay Time
tD(OFF)
17
30
ns
Fall-Time
tF
VDD=30V, VGS=10V, ID=12A,
RG=9.1Ω
18
50
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
IS=12A, VGS=0V
1.0
1.6
Drain-Source Diode Forward Voltage
(Note 1)
VSD
IS=12A, VGS=0V, TJ=150°C
0.91
V
tRR
56
ns
tA
40
ns
Reverse Recovery Time
tB
16
ns
Reverse Recovery Charge
QRR
IS=12A, VGS=0V, dIs/dt=100A/µs
0.128
µC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the drain lead 0.25’’
from package to center of die)
LD
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25,
from package to source bond pad)
LS
7.5
nH
Note: 1. Pulse Test: Pulse Width≤300µs, Duty Cycle≤2%.
2. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com