Electronic Components Datasheet Search
  English  ▼

X  

LSM776 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # LSM776
Description  Hyper Mini TOPLED RG Hyper-Bright LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSM776 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  LSM776 Datasheet HTML 1Page - Siemens Semiconductor Group LSM776 Datasheet HTML 2Page - Siemens Semiconductor Group LSM776 Datasheet HTML 3Page - Siemens Semiconductor Group LSM776 Datasheet HTML 4Page - Siemens Semiconductor Group LSM776 Datasheet HTML 5Page - Siemens Semiconductor Group LSM776 Datasheet HTML 6Page - Siemens Semiconductor Group LSM776 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Semiconductor Group
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS, LO, LA LY
Betriebstemperatur
Operating temperature range
T
op
– 55 ... + 100
˚C
Lagertemperatur
Storage temperature range
T
stg
– 55 ... + 100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
˚C
Durchlaßstrom
Forward current
I
F
30
20
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
to be defined
A
Sperrspannung1)
Reverse voltage1)
V
R
3V
Verlustleistung
Power dissipation
P
tot
802)
552)
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Umgebung
Junction / air
Montage auf PC-board*) (Padgröße
≥ 16 mm2)
mounted on PC board*) (pad size
≥ 16 mm2)
R
th JA
6302)
500
K/W
1)
Belastung in Sperrichtung sollte vermieden werden.
1)
Reverse biasing should be avoided.
2)
vorläufig/preliminary
*) PC-board: FR4
LS M776, LA M776, LO M776
LY M776



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com