Electronic Components Datasheet Search
  English  ▼

X  

LSM779-CF Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LSM779-CF
Description  LC Mini TOPLED RG Low Current LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSM779-CF Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LSM779-CF Datasheet HTML 1Page - Siemens Semiconductor Group LSM779-CF Datasheet HTML 2Page - Siemens Semiconductor Group LSM779-CF Datasheet HTML 3Page - Siemens Semiconductor Group LSM779-CF Datasheet HTML 4Page - Siemens Semiconductor Group LSM779-CF Datasheet HTML 5Page - Siemens Semiconductor Group LSM779-CF Datasheet HTML 6Page - Siemens Semiconductor Group LSM779-CF Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
11.96
LC Mini TOPLED® RG
Low Current LED
LS M779, LY M779, LG M779
Besondere Merkmale
q
Gehäusefarbe: weiß
q
als optischer Indikator einsetzbar
q
zur Hinterleuchtung, Lichtleiter- und Linseneinkopplung
q
für alle SMT-Bestück- und Löttechniken geeignet
q
gegurtet (12-mm-Filmgurt)
Features
q
color of package: white
q
for use as optical indicator
q
for backlighting, optical coupling into light pipes and lenses
q
suitable for all SMT assembly and soldering methods
q
available taped on reel (12 mm tape)
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 2 mA
I
V(mcd)
Lichtstrom
Luminous
Flux
I
F = 2 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS M779-CF
LS M779-DG
super-red
colorless clear
0.25 ... 0.5
0.40 ... 0.8
3.0 typ.
Q62703-Q3740
Q62703-Q3744
LY M779-CF
LY M779-DG
yellow
colorless clear
0.25 ... 0.5
0.40 ... 0.8
3.0 typ.
Q62703-Q3945
Q62703-Q3946
LG M779-CO
green
colorless clear
≥ 0.25 (1.0 typ.) 3.0 typ.
Q62703-Q3050


Similar Part No. - LSM779-CF

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM770 SIEMENS-LSM770 Datasheet
488Kb / 8P
Mini TOPLED RG
LSM770-HK SIEMENS-LSM770-HK Datasheet
488Kb / 8P
Mini TOPLED RG
LSM770-J SIEMENS-LSM770-J Datasheet
488Kb / 8P
Mini TOPLED RG
LSM770-JM SIEMENS-LSM770-JM Datasheet
488Kb / 8P
Mini TOPLED RG
LSM770-K SIEMENS-LSM770-K Datasheet
488Kb / 8P
Mini TOPLED RG
More results

Similar Description - LSM779-CF

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM770 SIEMENS-LSM770 Datasheet
488Kb / 8P
Mini TOPLED RG
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
Hyper Mini TOPLED RG Hyper-Bright LED
LST679 SIEMENS-LST679 Datasheet
431Kb / 7P
LC TOPLED Low Current LED
logo
OSRAM GmbH
LP-T776-L1M2-25-Z OSRAM-LP-T776-L1M2-25-Z Datasheet
429Kb / 19P
TOPLED RG
LS-T776-Q1R2-1-Z OSRAM-LS-T776-Q1R2-1-Z Datasheet
434Kb / 19P
TOPLED RG
LW-T773-P1S1-5K8L OSRAM-LW-T773-P1S1-5K8L Datasheet
453Kb / 21P
TOPLED RG
LAT776 OSRAM-LAT776 Datasheet
434Kb / 19P
TOPLED RG
LST77K OSRAM-LST77K Datasheet
457Kb / 19P
TOPLED RG
LST776 OSRAM-LST776 Datasheet
434Kb / 19P
TOPLED RG
LYT776 OSRAM-LYT776 Datasheet
435Kb / 19P
TOPLED RG
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com