Electronic Components Datasheet Search
  English  ▼

X  

UTM4052 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTM4052
Description  DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTM4052 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTM4052 Datasheet HTML 1Page - Unisonic Technologies UTM4052 Datasheet HTML 2Page - Unisonic Technologies UTM4052 Datasheet HTML 3Page - Unisonic Technologies UTM4052 Datasheet HTML 4Page - Unisonic Technologies UTM4052 Datasheet HTML 5Page - Unisonic Technologies UTM4052 Datasheet HTML 6Page - Unisonic Technologies UTM4052 Datasheet HTML 7Page - Unisonic Technologies UTM4052 Datasheet HTML 8Page - Unisonic Technologies UTM4052 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UTM4052
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R502-137.E
ABSOLUTE MAXIMUM RATINGS (Ta=25°C unless otherwise specified)
N-CHANNEL
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current (Note 2)
TC=25°C
ID
7.5
A
Pulsed Drain Current (Note 2)
TC=25°C
IDM
30
A
SOP-8
3.1
W
Power Dissipation (TC=25°C)
TO-252-4
PD
25
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
P-CHANNEL
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDS
-40
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current (Note 2)
TC=25°C
ID
-6
A
Pulsed Drain Current (Note 2)
TC=25°C
IDM
-25
A
SOP-8
3.1
W
Power Dissipation (TC=25°C)
TO-252-4
PD
25
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Surface Mounted on 1in
2 pad area, t≤10sec.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-8
78
°C/W
Junction to Ambient (Note)
TO-252-4
θJA
50
°C/W
SOP-8
40
°C/W
Junction to Case
TO-252-4
θJC
5
°C/W
Note: Surface Mounted on 1in
2 pad area, t≤10sec.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com