Electronic Components Datasheet Search
  English  ▼

X  

UTM4953 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTM4953
Description  DUAL P-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTM4953 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTM4953 Datasheet HTML 1Page - Unisonic Technologies UTM4953 Datasheet HTML 2Page - Unisonic Technologies UTM4953 Datasheet HTML 3Page - Unisonic Technologies UTM4953 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTM4953
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-293.B
ABSOLUTE MAXIMUM RATINGS (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±25
V
Drain Current
Continuous
ID
-4.9
A
Pulsed
IDM
-30
Power Dissipation
PD
2.5
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
50
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250µA
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V, VGS=0V
-1
µA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±25V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-1
-1.5
-2
V
Static Drain-Source On-Resistance
RDS(ON)
VGS=-10V, ID=-4.9A
53
60
mΩ
VGS=-4.5V, ID=-3.6A
80
95
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=-25V, VGS=0V, f=1.0MHz
1260
pF
Output Capacitance
COSS
340
pF
Reverse Transfer Capacitance
CRSS
220
pF
SWITCHING PARAMETERS
(Note)
Turn-ON Delay Time
tD(ON)
VGEN=-10V, VDD=-15V, RL=7.5Ω,
RG=6Ω, ID=-2A
10
18
ns
Turn-ON Rise Time
tR
15
20
ns
Turn-OFF Delay Time
tD(OFF)
22
38
ns
Turn-OFF Fall-Time
tF
15
25
ns
Total Gate Charge
QG
VDS=-15V, VGS=-10V, ID=-4.6A
22.3
29
nC
Gate Source Charge
QGS
4.65
nC
Gate Drain Charge
QGD
2
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage
VSD
ISD=-1.7A, VGS=0V
-0.7
-1.3
V
Note: Pulse width≦300µs, Duty cycle≦2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com