Electronic Components Datasheet Search
  English  ▼

X  

UTT15P06 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT15P06
Description  15A, 60V P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT15P06 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT15P06 Datasheet HTML 1Page - Unisonic Technologies UTT15P06 Datasheet HTML 2Page - Unisonic Technologies UTT15P06 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT15P06
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-733.a
15A, 60V P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT15P06 is a P-channel power MOSFET using UTC’s
advanced technology to provide the customers with high switching
speed, cost-effectiveness and minimum on-state resistance. It can
also withstand high energy in the avalanche.
FEATURES
* RDS(ON)=90mΩ VGS=-10V, ID=-15A
* High Switching Speed
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT15P06L-TN3-R
UTT15P06G-TN3-R
TO-252
G
D
S
Tape Reel
UTT15P06L-TN3-T
UTT15P06G-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT15P06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT15P06G-TA3-T UTC-UTT15P06G-TA3-T Datasheet
171Kb / 3P
P-CHANNEL POWER MOSFET
UTT15P06G-TF3-T UTC-UTT15P06G-TF3-T Datasheet
171Kb / 3P
P-CHANNEL POWER MOSFET
UTT15P06G-TM3-T UTC-UTT15P06G-TM3-T Datasheet
171Kb / 3P
P-CHANNEL POWER MOSFET
UTT15P06G-TN3-R UTC-UTT15P06G-TN3-R Datasheet
171Kb / 3P
P-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
UTT15P06G-TN3-R VBSEMI-UTT15P06G-TN3-R Datasheet
988Kb / 8P
P-Channel 60-V (D-S) MOSFET
More results

Similar Description - UTT15P06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD15P06 INTERSIL-RFD15P06 Datasheet
87Kb / 8P
15A, 60V, 0.150 Ohm, P-Channel Power MOSFETs
July 1999
logo
Unisonic Technologies
15N06 UTC-15N06_12 Datasheet
245Kb / 6P
15A, 60V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7P06 TSC-TSM7P06 Datasheet
344Kb / 5P
60V P-Channel Power MOSFET
TSM480P06 TSC-TSM480P06 Datasheet
891Kb / 9P
60V P-Channel Power MOSFET
TSM2309 TSC-TSM2309 Datasheet
327Kb / 5P
60V P-Channel Power MOSFET
TSM7P06CP TSC-TSM7P06CP Datasheet
344Kb / 5P
60V P-Channel Power MOSFET
logo
Rohm
RD3L150SN ROHM-RD3L150SN Datasheet
2Mb / 16P
Nch 60V 15A Power MOSFET
RD3L150SNFRA ROHM-RD3L150SNFRA Datasheet
2Mb / 15P
Nch 60V 15A Power MOSFET
logo
TECH PUBLIC Electronics...
FDN5618P TECHPUBLIC-FDN5618P Datasheet
3Mb / 5P
60V P-Channel Power MOSFET
LP2309LT1G TECHPUBLIC-LP2309LT1G Datasheet
2Mb / 5P
60V P-Channel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com