Electronic Components Datasheet Search
  English  ▼

X  

UTT75P03 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT75P03
Description  75A, 30V P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT75P03 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT75P03 Datasheet HTML 1Page - Unisonic Technologies UTT75P03 Datasheet HTML 2Page - Unisonic Technologies UTT75P03 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT75P03
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-642.a
75A, 30V P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT75P03 is a P-channel power MOSFET using UTC’s
advanced technology to provide the customers with high switching
speed, high current capacity and a minimum on-state resistance.
FEATURES
* RDS(ON)=5.5mΩ @ VGS=-10V, ID=-30A
* High Switching Speed
* High Current Capacity
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UTT75P03L-TA3-T
UTT75P03G-TA3-T
TO-220
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT75P03

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT75N03 UTC-UTT75N03 Datasheet
254Kb / 4P
N-CHANNEL POWER MOSFET
UTT75N03G-TN3-R UTC-UTT75N03G-TN3-R Datasheet
254Kb / 4P
N-CHANNEL POWER MOSFET
UTT75N03G-TND-R UTC-UTT75N03G-TND-R Datasheet
254Kb / 4P
N-CHANNEL POWER MOSFET
UTT75N03L-TN3-R UTC-UTT75N03L-TN3-R Datasheet
254Kb / 4P
N-CHANNEL POWER MOSFET
UTT75N03L-TND-R UTC-UTT75N03L-TND-R Datasheet
254Kb / 4P
N-CHANNEL POWER MOSFET
More results

Similar Description - UTT75P03

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Unisonic Technologies
UT70P03 UTC-UT70P03 Datasheet
297Kb / 5P
75A, 30V P-CHANNEL POWER MOSFET
UT75N03 UTC-UT75N03 Datasheet
132Kb / 3P
75A, 30V N-CHANNEL POWER MOSFET
UT4435 UTC-UT4435 Datasheet
184Kb / 5P
30V P-CHANNEL POWER MOSFET
UTT100P03 UTC-UTT100P03 Datasheet
131Kb / 3P
100A, 30V P-CHANNEL POWER MOSFET
UTT36P03 UTC-UTT36P03 Datasheet
129Kb / 3P
-30V, -36A P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM180P03CS TSC-TSM180P03CS Datasheet
280Kb / 5P
30V P-Channel Power MOSFET
TSM600P03CS TSC-TSM600P03CS Datasheet
275Kb / 5P
30V P-Channel Power MOSFET
TSM650P03CX TSC-TSM650P03CX Datasheet
500Kb / 5P
30V P-Channel Power MOSFET
logo
Leshan Radio Company
LP3419DT2AG LRC-LP3419DT2AG Datasheet
142Kb / 3P
30V P-Channel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com