Electronic Components Datasheet Search
  English  ▼

X  

UTT80P06 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT80P06
Description  80A, 60V P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT80P06 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT80P06 Datasheet HTML 1Page - Unisonic Technologies UTT80P06 Datasheet HTML 2Page - Unisonic Technologies UTT80P06 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT80P06
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-672.a
80A, 60V P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT80P06 is a P-channel power MOSFET using UTC’s
advanced technology to provide the customers with high switching
speed and a minimum on-state resistance, and it can also withstand
high energy in the avalanche.
The UTC UTT80P06 is suitable for low voltage and high speed
switching applications
FEATURES
* RDS(ON)=0.021Ω @ VGS=-10V, ID=-64A
* High Switching Speed
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT80P06L-TA3-T
UTT80P06G-TA3-T
TO-220
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT80P06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT80N05 UTC-UTT80N05 Datasheet
135Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT80N05G-TA3-T UTC-UTT80N05G-TA3-T Datasheet
135Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT80N05L-TA3-T UTC-UTT80N05L-TA3-T Datasheet
135Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT80N06 UTC-UTT80N06 Datasheet
228Kb / 7P
60V, 80A N-CHANNEL POWER MOSFET
UTT80N06G-S08-R UTC-UTT80N06G-S08-R Datasheet
228Kb / 7P
60V, 80A N-CHANNEL POWER MOSFET
More results

Similar Description - UTT80P06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT80N06 UTC-UTT80N06 Datasheet
228Kb / 7P
60V, 80A N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7P06 TSC-TSM7P06 Datasheet
344Kb / 5P
60V P-Channel Power MOSFET
TSM480P06 TSC-TSM480P06 Datasheet
891Kb / 9P
60V P-Channel Power MOSFET
TSM2309 TSC-TSM2309 Datasheet
327Kb / 5P
60V P-Channel Power MOSFET
logo
Rohm
RD3L08CGN ROHM-RD3L08CGN Datasheet
2Mb / 14P
Nch 60V 80A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7P06CP TSC-TSM7P06CP Datasheet
344Kb / 5P
60V P-Channel Power MOSFET
logo
Rohm
RD3L08BGN ROHM-RD3L08BGN Datasheet
2Mb / 15P
Nch 60V 80A Power MOSFET
RJ1L08CGN ROHM-RJ1L08CGN Datasheet
2Mb / 14P
Nch 60V 80A Power MOSFET
20210719 - Rev.005
logo
TECH PUBLIC Electronics...
FDN5618P TECHPUBLIC-FDN5618P Datasheet
3Mb / 5P
60V P-Channel Power MOSFET
LP2309LT1G TECHPUBLIC-LP2309LT1G Datasheet
2Mb / 5P
60V P-Channel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com