Electronic Components Datasheet Search
  English  ▼

X  

UTT100P03 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT100P03
Description  100A, 30V P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT100P03 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT100P03 Datasheet HTML 1Page - Unisonic Technologies UTT100P03 Datasheet HTML 2Page - Unisonic Technologies UTT100P03 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTT100P03
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-697.a
ABSOLUTE MAXIMUM RATINGS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
-16/+5
V
Drain Current
Continuous
(Note 2)
TC=25°C, VGS=-10V
ID
-100
A
TC=100°C, VGS=-10V
-100 (Note 3)
A
Pulsed (Note 3)
TC=25°C
IDM
-400
A
Single Pulsed Avalanche Energy
ID=-80A
EAS
450
mJ
Power Dissipation
TC=25°C
PD
200
W
Junction Temperature
TJ
+175
°C
Storage Temperature
TSTG
-55~+175
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Current is limited by bondwire; with a θJC = 0.65 °C/W the chip is able to carry ID=-195A at 25°C.
3. Defined by design. Not subject to production test.
THERMAL DATA (Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62
°C/W
Junction to Case
θJC
0.65
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=-250µA, VGS=0V
-30
V
Drain-Source Leakage Current
IDSS
VDS=-30V, VGS=0V, TJ=25°C
-0.1
-1
µA
VDS=-30V,VGS=0V,TC=125°C (Note 1)
-10 -100 µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+16V, VDS=0V
+10 +100 nA
Reverse
VGS=-16V, VDS=0V
-10 -100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-475µA
-1
-1.5 -2.1
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID=-50A
4.8
7.6
mΩ
VGS=-10, ID=-80A
3.3
4.3
mΩ
DYNAMIC PARAMETERS
(Note 1)
Input Capacitance
CISS
VGS=0V, VDS=-25V, f=1.0MHz
7150 9300 pF
Output Capacitance
COSS
2150 2800 pF
Reverse Transfer Capacitance
CRSS
1650 2500 pF
SWITCHING PARAMETERS
(Note 1)
Total Gate Charge
QG
VDD=-24V, VGS=0~-10V, ID=-80A
150 200
nC
Gate to Source Charge
QGS
25
33
nC
Gate to Drain Charge
QGD
55
82.5 nC
Turn-ON Delay Time
tD(ON)
VDD=-15V, VGS=-10V, ID=-50A,
RG=6Ω
30
ns
Rise Time
tR
45
ns
Turn-OFF Delay Time
tD(OFF)
200
ns
Fall-Time
tF
180
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
TA = 25°C (Note 1)
-100
A
Maximum Body-Diode Pulsed Current
ISM
TA = 25°C (Note 1)
-400
A
Drain-Source Diode Forward Voltage
VSD
IS=-80A, VGS=0V
-0.6
-1
-1.2
V
Body Diode Reverse Recovery Time
trr
VR=-15V, IF=-50A,
dIF/dt=100A/µs (Note 1)
50
ns
Body Diode Reverse Recovery Charge
QRR
55
nC
Notes: 1. Defined by design. Not subject to production test.
2. Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm
2 (one layer, 70 µm thick) copper area for
drain connection. PCB is vertical in still air.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com