Electronic Components Datasheet Search
  English  ▼

X  

UTT4425 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT4425
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT4425 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT4425 Datasheet HTML 1Page - Unisonic Technologies UTT4425 Datasheet HTML 2Page - Unisonic Technologies UTT4425 Datasheet HTML 3Page - Unisonic Technologies UTT4425 Datasheet HTML 4Page - Unisonic Technologies UTT4425 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT4425
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-562.a
P-CHANNEL ENHANCEMENT
MODE POWER MOSFET
DESCRIPTION
The UTC UTT4425 is a P-channel enhancement mode power
MOSFET using UTC’s advanced trench technology to provide
customers with a minimum on-state resistance and extremal low
gate charge with a 25V gate rating.
The UTC UTT4425 is ESD protected and it is universally applied in
PWM or used as a load switch.
FEATURES
* VDS(V)= -30V
* ID=-14A, (VGS= -20V)
* RDS(ON) < 10mΩ @(VGS = -20V)
RDS(ON) < 11mΩ @(VGS = -10V)
SYMBOL
Drain
Gate
Source
P-CHANNEL
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UTT4425L-S08-R
UTT4425G-S08-R
SOP-8
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT4425

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT4425G-S08-R UTC-UTT4425G-S08-R Datasheet
195Kb / 5P
P-CHANNEL ENHANCEMENT MOSFET
logo
VBsemi Electronics Co.,...
UTT4425G-S08-R VBSEMI-UTT4425G-S08-R Datasheet
994Kb / 9P
P-Channel 30-V (D-S) MOSFET
UTT4425L VBSEMI-UTT4425L Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Unisonic Technologies
UTT4425L-S08-R UTC-UTT4425L-S08-R Datasheet
195Kb / 5P
P-CHANNEL ENHANCEMENT MOSFET
logo
VBsemi Electronics Co.,...
UTT4425L-S08-R VBSEMI-UTT4425L-S08-R Datasheet
994Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - UTT4425

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com