Electronic Components Datasheet Search
  English  ▼

X  

CPC1727 Datasheet(PDF) 7 Page - Clare, Inc.

Part # CPC1727
Description  ISOPLUS??264 DC Power Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1727 Datasheet(HTML) 7 Page - Clare, Inc.

  CPC1727 Datasheet HTML 1Page - Clare, Inc. CPC1727 Datasheet HTML 2Page - Clare, Inc. CPC1727 Datasheet HTML 3Page - Clare, Inc. CPC1727 Datasheet HTML 4Page - Clare, Inc. CPC1727 Datasheet HTML 5Page - Clare, Inc. CPC1727 Datasheet HTML 6Page - Clare, Inc. CPC1727 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PRELIMINARY
7
www.clare.com
R03
CPC1727
4.5 Mechanical Dimensions
NOTE: Back-side heat sink meets 2500V
rms isolation to the pins.
26.162 ± 0.254
(1.030 ± 0.010)
19.914 ± 0.254
(0.784 ± 0.010)
20.396 ± 0.508
(0.803 ± 0.020)
15.240 ± 0.508
(0.600 ± 0.020)
3.810 ± 0.254
(0.150 ± 0.010)
2.362 ± 0.381
(0.093 ± 0.015)
0.635 ± 0.076
(0.025 ± 0.003)
2.794 ± 0.127
(0.110 ± 0.005)
5.029 ± 0.127
(0.198 ± 0.005)
1.181 ± 0.076
(0.047 ± 0.003)
1.930 ± 0.381
(0.076 ± 0.015)
17.221 ± 0.254
(0.678 ± 0.010)
20.600 ± 0.254
(0.811 ± 0.010)
1.270 TYP
(0.050 TYP)
DIMENSIONS
mm
(inches)
For additional information please visit our website at: www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and
product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare’s Standard Terms and Conditions of Sale,
Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for
a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a person or severe property or environmental
damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1727-R03
©Copyright 2010, Clare, Inc.
All rights reserved. Printed in USA.
11/1/2010



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com