Electronic Components Datasheet Search
  English  ▼

X  

CPC1777 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1777
Description  i4-PAC??DC Power Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1777 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1777 Datasheet HTML 1Page - Clare, Inc. CPC1777 Datasheet HTML 2Page - Clare, Inc. CPC1777 Datasheet HTML 3Page - Clare, Inc. CPC1777 Datasheet HTML 4Page - Clare, Inc. CPC1777 Datasheet HTML 5Page - Clare, Inc. CPC1777 Datasheet HTML 6Page - Clare, Inc. CPC1777 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
R05
www.clare.com
4
CPC1777
3
Performance Data
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the
written specifications, please contact our application department.
35
30
25
20
15
10
5
0
1.30
1.31
1.32
1.33
1.34
Typical LED Forward Voltage Drop
(N=50, I
F=10mA, IL=1ADC, TA=25ºC)
LED Forward Voltage (V)
7.0
8.0
9.0
6.5
7.5
8.5
25
20
15
10
5
0
Turn-On (ms)
Typical Turn-On Time
(N=50, I
F=10mA, IL=1ADC, TA=25ºC)
0.06
0.09
0.11
0.04
0.08
0.10
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=10mA, IL=1ADC, TA=25ºC)
Turn-Off (ms)
35
30
25
20
15
10
5
0
0.32
0.34
0.36
0.40
0.38
0.42
On-Resistance (
Ω)
Typical On-Resistance Distribution
(N=50, I
F=10mA, IL=1ADC, TA=25ºC)
35
30
25
20
15
10
5
0
815
820
825
830
835
840
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
Blocking Voltage (V
P)
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
Temperature (ºC)
I
F=50mA
I
F=20mA
I
F=10mA
0
5
1015202530354045
18
16
14
12
10
8
6
4
2
1
0
50
LED Forward Current (mA)
Typical Turn-On
vs. LED Forward Current
(I
L=1ADC, TA=25ºC)
0
5
1015202530354045
0.17
0.16
0.15
0.14
0.13
0.12
0.11
0.10
0.09
0.08
50
LED Forward Current (mA)
Typical Turn-Off
vs. LED Forward Current
(I
L=1ADC, TA=25ºC)
-40
20
18
16
14
12
10
8
6
4
2
0
-20
0
20
40
60
80
100
Typical I
F for Switch Operation
vs. Temperature
(I
L=1ADC)
Temperature (ºC)
-40
14
12
10
8
6
4
2
0
-20
0
20
40
60
80
100
Typical Turn-On vs. Temperature
(I
F=10mA, IL=1ADC)
Temperature (ºC)
-40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Turn-Off vs. Temperature
(I
F=10mA, IL=1ADC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com