Electronic Components Datasheet Search
  English  ▼

X  

CPC1786 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1786
Description  i4-PAC??DC Power Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1786 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1786 Datasheet HTML 1Page - Clare, Inc. CPC1786 Datasheet HTML 2Page - Clare, Inc. CPC1786 Datasheet HTML 3Page - Clare, Inc. CPC1786 Datasheet HTML 4Page - Clare, Inc. CPC1786 Datasheet HTML 5Page - Clare, Inc. CPC1786 Datasheet HTML 6Page - Clare, Inc. CPC1786 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS-CPC1786 - R05
www.clare.com
1
e3
RoHS
2002/95/EC
Characteristics
Features
• 1.75A
DC Load Current with 5°C/W Heat Sink
• Low 2
Ω On-Resistance
• 1000V
P Blocking Voltage
• 2500V
rms Input/Output Isolation
• Low Thermal Resistance (0.35 °C/W)
• Electrically Non-conductive Thermal Pad for Heat
Sink Applications
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Applications
• Industrial Controls / Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Transportation Equipment
• Aerospace/Defense
Approvals
• UL 508 Certified Component: File E69938
Pin Configuration
Description
Clare and IXYS have combined to bring OptoMOS®
technology, reliability and compact size to a new family
of High Power Solid State Relays. As part of this new
family, the CPC1786 single-pole normally open
(1-Form-A) DC Solid State Relay employs optically
coupled MOSFET technology to provide 2500Vrms of
input to output isolation.
The output, constructed with an efficient MOSFET
switch and photovoltaic die, uses Clare’s patented
OptoMOS architecture while the input, a GaAlAs
infrared LED, provides the optically coupled control.
The combination of low on-resistance and high load
current handling capability makes this relay suitable
for a variety of high performance DC switching
applications.
The unique i4-PAC package pioneered by IXYS
enables solid state relays to achieve the highest load
current and power ratings. This package features an
IXYS unique process where the silicon chips are soft
soldered onto the Direct Copper Bond (DCB)
substrate instead of the usual copper leadframe. The
DCB ceramic, the same substrate used in high power
modules, not only provides 2500Vrms isolation but also
very low thermal resistance (0.35°C/W).
Ordering Information
Switching Characteristics
Parameter
Rating
Units
Blocking Voltage
1000
VP
Load Current, TA=25°C:
With 5°C/W Heat Sink
1.75
ADC
No Heat Sink
0.65
On-Resistance
2
Ω
RθJC
0.35
°C/W
12
3
4
+-
-
+
Part
Description
CPC1786J
i4-PAC Package (25 per tube)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
CPC1786
Single-Pole, Normally Open
i4-PAC™ DC Power Relay


Similar Part No. - CPC1786

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1786 CLARE-CPC1786 Datasheet
138Kb / 6P
i4-PAC??DC Power Relay
logo
IXYS Corporation
CPC1786 IXYS-CPC1786 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
logo
Clare, Inc.
CPC1786J CLARE-CPC1786J Datasheet
138Kb / 6P
i4-PAC??DC Power Relay
logo
IXYS Corporation
CPC1786J IXYS-CPC1786J Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1786J IXYS-CPC1786J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1786

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1708 CLARE-CPC1708 Datasheet
138Kb / 6P
i4-PAC??DC Power Relay
CPC1777 CLARE-CPC1777 Datasheet
137Kb / 6P
i4-PAC??DC Power Relay
CPC1786 CLARE-CPC1786 Datasheet
138Kb / 6P
i4-PAC??DC Power Relay
CPC1908 CLARE-CPC1908 Datasheet
151Kb / 6P
i4-PAC??Power Relay
CPC1967 CLARE-CPC1967 Datasheet
145Kb / 6P
i4-PAC??Power Relay
CPC1977 CLARE-CPC1977 Datasheet
145Kb / 6P
i4-PAC??Power Relay
CPC1708 CLARE-CPC1708_10 Datasheet
898Kb / 7P
i4-PAC??DC Power Relay
CPC1777 CLARE-CPC1777_10 Datasheet
915Kb / 7P
i4-PAC??DC Power Relay
CPC1978 CLARE-CPC1978_11 Datasheet
910Kb / 7P
i4-PAC??Power Relay
CPC1986 CLARE-CPC1986_11 Datasheet
888Kb / 7P
i4-PAC??Power Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com