Electronic Components Datasheet Search
  English  ▼

X  

CPC1918 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1918
Description  ISOPLUS??264 Power Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1918 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1918 Datasheet HTML 1Page - Clare, Inc. CPC1918 Datasheet HTML 2Page - Clare, Inc. CPC1918 Datasheet HTML 3Page - Clare, Inc. CPC1918 Datasheet HTML 4Page - Clare, Inc. CPC1918 Datasheet HTML 5Page - Clare, Inc. CPC1918 Datasheet HTML 6Page - Clare, Inc. CPC1918 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
e3
RoHS
2002/95/EC
DS-CPC1918 - R04
www.clare.com
1
Characteristics
Features
• 13A
rms Load Current with 5°C/W Heat Sink
• Low 0.1
Ω On-Resistance
• 100V
P Blocking Voltage
• 2500V
rms Input/Output Isolation
• Low Thermal Resistance (0.3 °C/W)
• Electrically Non-conductive Thermal Pad for Heat
Sink Applications
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Applications
• Industrial Controls / Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Transportation Equipment
• Aerospace/Defense
Approvals
• UL 508 Certified Component: File E69938
Pin Configuration
Description
Clare and IXYS have combined to bring OptoMOS®
technology, reliability and compact size to a new family
of high-power Solid State Relays.
As part of this family, the CPC1918 single-pole
normally open (1-Form-A) Solid State Power Relay is
rated for up to 13Arms continuous load current with a
5°C/W heat sink.
The CPC1918 employs optically coupled MOSFET
technology to provide 2500Vrms of input to output
isolation. The output, constructed with efficient
MOSFET switches and photovoltaic die, uses Clare’s
patented OptoMOS architecture while the input, a
highly efficient GaAlAs infrared LED, provides the
optically coupled control. The combination of low
on-resistance and high load current handling
capability makes this relay suitable for a variety of high
performance switching applications.
The unique ISOPLUS-264 package pioneered by
IXYS enables Solid State Relays to achieve the
highest load current and power ratings. This package
features a unique IXYS process in which the silicon
chips are soft soldered onto the Direct Copper Bond
(DCB) substrate instead of the traditional copper
leadframe. The DCB ceramic, the same substrate
used in high power modules, not only provides
2500Vrms isolation but also very low thermal
resistance (0.3 °C/W).
Ordering Information
Switching Characteristics
Parameter
Rating
Units
Blocking Voltage
100
VP
Load Current, TA=25°C:
With 5°C/W Heat Sink
13
Arms
No Heat Sink
5.25
On-Resistance
0.1
Ω
RθJC
0.3
°C/W
12
3
-
4
+
Part
Description
CPC1918J
ISOPLUS-264 Package (25 per tube)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
CPC1918
Single-Pole, Normally Open
ISOPLUS™-264 Power Relay


Similar Part No. - CPC1918

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1918 CLARE-CPC1918 Datasheet
139Kb / 6P
ISOPLUS??264 Power Relay
logo
IXYS Corporation
CPC1918 IXYS-CPC1918 Datasheet
196Kb / 7P
Machine Insertable, Wave Solderable
logo
Clare, Inc.
CPC1918J CLARE-CPC1918J Datasheet
139Kb / 6P
ISOPLUS??264 Power Relay
logo
IXYS Corporation
CPC1918J IXYS-CPC1918J Datasheet
196Kb / 7P
Machine Insertable, Wave Solderable
CPC1918J IXYS-CPC1918J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1918

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1909 CLARE-CPC1909 Datasheet
141Kb / 6P
ISOPLUS??264 Power Relay
CPC1918 CLARE-CPC1918 Datasheet
139Kb / 6P
ISOPLUS??264 Power Relay
CPC1927 CLARE-CPC1927 Datasheet
127Kb / 6P
ISOPLUS??264 Power Relay
CPC1979 CLARE-CPC1979 Datasheet
140Kb / 6P
ISOPLUS??264 Power Relay
CPC1988 CLARE-CPC1988 Datasheet
139Kb / 6P
ISOPLUS??264 Power Relay
CPC1788 CLARE-CPC1788_10 Datasheet
926Kb / 7P
ISOPLUS??264 DC Power Relay
CPC1909 CLARE-CPC1909_10 Datasheet
889Kb / 7P
ISOPLUS??264 Power Relay
CPC1927 CLARE-CPC1927_10 Datasheet
922Kb / 7P
ISOPLUS??264 Power Relay
CPC1979 CLARE-CPC1979_11 Datasheet
921Kb / 7P
ISOPLUS??264 Power Relay
CPC1988 CLARE-CPC1988_11 Datasheet
889Kb / 7P
ISOPLUS??264 Power Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com