Electronic Components Datasheet Search
  English  ▼

X  

CPC1966Y Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1966Y
Description  AC Power Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1966Y Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1966Y Datasheet HTML 1Page - Clare, Inc. CPC1966Y Datasheet HTML 2Page - Clare, Inc. CPC1966Y Datasheet HTML 3Page - Clare, Inc. CPC1966Y Datasheet HTML 4Page - Clare, Inc. CPC1966Y Datasheet HTML 5Page - Clare, Inc. CPC1966Y Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-CPC1966-R02
1
CPC1966
AC Power Switch
RoHS
2002/95/EC
e3
Pb
Part #
Description
CPC1966Y
4-Pin (8-Pin Body) SIP (25/Tube)
Parameter
Rating
Units
AC Operating Voltage
20 - 240
V
rms
Load Current
3
A
rms
On-State Voltage Drop
0.8
V
rms (at IL = 3Arms)
Blocking Voltage
600
V
P
Applications
Features
Description
Ordering Information
Pin Configuration
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
• Load Current up to 3A
rms
• 600V
P Blocking Voltage
• 5mA Sensitivity
• Zero-Crossing Detection
• DC Control, AC Output
• Optically Isolated
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
• Machine Insertable, Wave Solderable
CPC1966 is an AC Solid State Switch utilizing
dual power SCR outputs. This device also includes
zero-cross turn-on circuitry, and is specified with a
blocking voltage of 600V
P .
In addition, the tightly controlled zero-cross circuitry
ensures low noise switching of AC loads by
minimizing the generation of transients. The optically
coupled input and output circuits provide 3750V
rms of
isolation and noise immunity between the control and
load circuits. As a result, the CPC1966 is well suited
for industrial environments where electromagnetic
interference would disrupt the operation of plant facility
communication and control systems.
Approvals
• UL Recognized Component: File E69938
• CSA Certified Component: Certificate 1172007
2
1
– LED + LED
AC Load
AC Load
4
3
ZC


Similar Part No. - CPC1966Y

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1966Y IXYS-CPC1966Y Datasheet
112Kb / 6P
Zero-Crossing Detection
logo
Littelfuse
CPC1966Y LITTELFUSE-CPC1966Y Datasheet
175Kb / 6P
AC Power Switch
11/18/2025
logo
IXYS Corporation
CPC1966YX6 IXYS-CPC1966YX6 Datasheet
116Kb / 6P
TTL and CMOS Compatible
logo
Littelfuse
CPC1966YX6 LITTELFUSE-CPC1966YX6 Datasheet
174Kb / 6P
AC Power Switch
11/18/2025
logo
IXYS Corporation
CPC1966YX8 IXYS-CPC1966YX8 Datasheet
113Kb / 5P
Rapid Turn-On AC Power Switch
More results

Similar Description - CPC1966Y

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1204 CLARE-PM1204 Datasheet
128Kb / 5P
AC Power Switch
PS1201 CLARE-PS1201 Datasheet
85Kb / 5P
AC Power Switch
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
AC Power Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
AC power switch
04-Jul-2007
logo
Clare, Inc.
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
AC Power Switch
CPC1943 CLARE-CPC1943_10 Datasheet
125Kb / 6P
AC Power Switch
CPC1972 CLARE-CPC1972_11 Datasheet
127Kb / 7P
AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
AC Power Switch
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
AC Power Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com