Electronic Components Datasheet Search
  English  ▼

X  

CPC5602 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC5602
Description  N-Channel Depletion Mode FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5602 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC5602 Datasheet HTML 1Page - Clare, Inc. CPC5602 Datasheet HTML 2Page - Clare, Inc. CPC5602 Datasheet HTML 3Page - Clare, Inc. CPC5602 Datasheet HTML 4Page - Clare, Inc. CPC5602 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-CPC5602-R07
1
CPC5602
N-Channel Depletion Mode FET
RoHS
2002/95/EC
e3
Pb
www.clare.com
Part Number
Description
CPC5602C
N-Channel Depletion Mode FET, SOT-223 Pkg.
Cut-Tape, Available in Quantities of 200, 300,
400, 500, and 600
CPC5602CTR
N-Channel Depletion Mode FET, SOT-223 Pkg.
Tape and Reel (1000/reel)
Applications
Features
Description
Ordering Information
Package Pinout
• Support Component for LITELINK™
Data Access Arrangement (DAA)
• Telecommunications
• Normally On Switches
• Ignition Modules
• Converters
• Security
• Power Supplies
• 350V Drain-to-Source Voltage
• Depletion Mode Device Offers Low R
DS(on)
at Cold Temperatures
• Low On-resistance: 8
 (Typical) @ 25°C
• Low V
GS(off) Voltage: -2.0V to -3.6V
• High Input Impedance
• Low Input and Output Leakage
• Small Package Size SOT-223
• PC Card (PCMCIA) Compatible
• PCB Space and Cost Savings
The CPC5602 is an N-channel depletion mode Field
Effect Transistor (FET) that utilizes Clare’s proprietary
third generation vertical DMOS process. The third
generation process realizes world class, high voltage
MOSFET performance in an economical silicon gate
process. The vertical DMOS process yields a highly
reliable device, particularly in difficult application
environments such as telecommunications, security,
and power supplies.
One of the primary applications for the CPC5602 is
as a linear regulator/hook switch for the LITELINK
family of Data Access Arrangements (DAA) Devices
CPC5620A, CPC5621A, and CPC5622A.
The CPC5602 has a typical on-resistance of 8
, a
drain-to-source voltage of 350V, and is available in an
SOT-223 package. As with all MOS devices, the FET
structure prevents thermal runaway and
thermal-induced secondary breakdown.
Pin Number
Name
1GATE
2
DRAIN
3
SOURCE
4
DRAIN
Parameter
Rating
Units
Drain-to-Source Voltage - V
DS
350
V
Max On-Resistance - R
DS(on)
14
Max Power
2.5
W
D
G
D
S
4
1
23


Similar Part No. - CPC5602

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602 CLARE-CPC5602 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
logo
IXYS Corporation
CPC5602 IXYS-CPC5602 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5602C CLARE-CPC5602C Datasheet
85Kb / 3P
N Channel Depletion Mode FET
logo
IXYS Corporation
CPC5602C IXYS-CPC5602C Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
More results

Similar Description - CPC5602

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5603C CLARE-CPC5603C Datasheet
248Kb / 3P
N Channel Depletion Mode FET
CPC5602 CLARE-CPC5602 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC3710 CLARE-CPC3710 Datasheet
112Kb / 5P
N-Channel Depletion-Mode FET
CPC3714 CLARE-CPC3714 Datasheet
130Kb / 5P
N-Channel Depletion-Mode FET
CPC3720 CLARE-CPC3720 Datasheet
111Kb / 5P
N-Channel Depletion-Mode FET
CPC5603 CLARE-CPC5603_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
logo
IXYS Corporation
CPC5602 IXYS-CPC5602 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
CPC5603 IXYS-CPC5603 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com